Electronic Components Datasheet Search
  English  ▼

X  

AD8018 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8018
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8018 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8018 Datasheet HTML 9Page - Analog Devices AD8018 Datasheet HTML 10Page - Analog Devices AD8018 Datasheet HTML 11Page - Analog Devices AD8018 Datasheet HTML 12Page - Analog Devices AD8018 Datasheet HTML 13Page - Analog Devices AD8018 Datasheet HTML 14Page - Analog Devices AD8018 Datasheet HTML 15Page - Analog Devices AD8018 Datasheet HTML 16Page - Analog Devices AD8018 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
REV. A
AD8018
–13–
U1
AD8018
+V
R18
750
TP6
R8
100
R3
10
R19
750
R4
10
C22
1000pF
C27
1000pF
U1
AD8018
+V
TP8
R21
DNI
C12
DNI
TP9
PR2
R1
10
1WATT
R2
750
VCC-T
U2
AD8022
DNI
R6
DNI
TP17
R7
DNI
VCC-R
AGND;4
VCC;8
AGND;4
TP18
R13
DNI
C16
DNI
C3
DNI
TP5
R12
DNI
C1
DNI
C2
DNI
TP4
R9
DNI
R10
DNI
C5
0.1 F
R29
10k
R24
10k
C8
0.1 F
TP10
C10
0.1 F
R14
100
TP11
C28
DNI
R30
0
VCC
R11
50
R15
50
VCC
P4
2
P4
1
P4
3
55
53
P3
2
P3
3
P3
1
54
56
R5
DNI
VCC
R17
2.49k
JP4
A
B
3
2
JP3
1
1
2
3
B
A
C4
DNI
CAPPOLY
C7
DNI
CAPPOLY
NC = 5,6
T1
3
2
1
4
8
9
7
10
1
2
3
4
5
6
TP1
78
TP2
C9
DNI
CAPPOLY
CAPPOLY
C6
DNI
TB1 1
C18
DNI
VCC-T
TP19
C17
10 F
25V
C15
0.01 F
C26
0.1 F
C14
10 F
L5
BEAD
2
TB1
C19
DNI
25V
C23
DNI
U2 DECOUPLING
TP23 TP24 TP25 TP26
R32
DNI
1
2
R20
DNI
C11
DNI
TP7 PR1
R31
0
VCC-R
VCC-R
DNI: DO NOT INSTALL
VCC
2
VCC
2
VCC-T
R33
10k
R34
10k
R16
2.49k
C20
0.1 F
U2
AD8022
DNI
VCC
2
Figure 11. EVAL Board Schematic
JP1
NC1 NC2 NC3
PDN0
PDN1
DGND
U1
AD8018
0.1 F
C25
0.1 F
C24
100
R25
100
R26
R28
DNI
R27
DNI
VCC
JP2
Figure 12. Input Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com