Electronic Components Datasheet Search
  English  ▼

X  

ADP3339 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3339
Description  High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3339 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3339 Datasheet HTML 2Page - Analog Devices ADP3339 Datasheet HTML 3Page - Analog Devices ADP3339 Datasheet HTML 4Page - Analog Devices ADP3339 Datasheet HTML 5Page - Analog Devices ADP3339 Datasheet HTML 6Page - Analog Devices ADP3339 Datasheet HTML 7Page - Analog Devices ADP3339 Datasheet HTML 8Page - Analog Devices ADP3339 Datasheet HTML 9Page - Analog Devices ADP3339 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3339
Data Sheet
Rev. C | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
INPUT VOLTAGE (V)
34
5
VOUT = 3.3V
6
3.301
3.300
3.299
3.298
3.297
3.296
3.295
3.294
3.293
ILOAD = 1A
ILOAD = 1.5A
ILOAD = 500mA
ILOAD = 0A
Figure 4. Output Voltage vs. Input Voltage
LOAD CURRENT (A)
01.0
0.5
VIN = 6V
3.301
3.300
3.299
3.298
3.297
3.296
3.295
3.294
1.5
Figure 5. Output Voltage vs. Load Current
INPUT VOLTAGE (V)
04
6
2
180
160
140
120
60
40
20
0
100
80
VOUT = 3.3V
ILOAD = 0A
Figure 6. Ground Current vs. Supply Voltage
LOAD CURRENT (A)
0
0
0.5
1.0
VIN =6V
VOUT = 3.0V
1.5
2
4
6
8
10
12
14
Figure 7. Ground Current vs. Load Current
JUNCTION TEMPERATURE (
°C)
–0.2
–40
–20
0
20
40
60
80
100
120
0
0.2
0.4
0.6
1.0
0.8
VIN = 6V
VOUT = 3.3V
ILOAD = 1.5A
ILOAD = 500mA
ILOAD = 1A
ILOAD = 10mA
140
Figure 8. Output Voltage Variation Percentage vs. Junction Temperature
JUNCTION TEMPERATURE (
°C)
25
20
15
10
5
0
10
60
110
160
–40
ILOAD = 1A
ILOAD = 0.5A
ILOAD = 1.5A
ILOAD = 1mA
VOUT = 3.3V
Figure 9. Ground Current vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com