Electronic Components Datasheet Search
  English  ▼

X  

ADM805LM Datasheet(PDF) 5 Page - Analog Devices

Part # ADM805LM
Description  Microprocessor Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM805LM Datasheet(HTML) 5 Page - Analog Devices

  ADM805LM Datasheet HTML 1Page - Analog Devices ADM805LM Datasheet HTML 2Page - Analog Devices ADM805LM Datasheet HTML 3Page - Analog Devices ADM805LM Datasheet HTML 4Page - Analog Devices ADM805LM Datasheet HTML 5Page - Analog Devices ADM805LM Datasheet HTML 6Page - Analog Devices ADM805LM Datasheet HTML 7Page - Analog Devices ADM805LM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADM690A/ADM692A/ADM802L/M/ADM805L/M
–5–
REV. 0
BATTERY
SWITCHOVER
RESET
GENERATOR
WATCHDOG
TRANSITION DETECTOR
(1.6s)
4.65V*
1.25V
*4.4V FOR ADM692A/ADM802M/ADM805M
ADM690A
ADM692A
ADM802L
ADM802M
ADM805L
ADM805M
POWER FAIL
OUTPUT (PFO)
RESET
VOUT
VBATT
VCC
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
(RESET)
( ) = ADM805L/M ONLY
Figure 7. Functional Block Diagram
POWER FAIL RESET, RESET
RESET
is an active low output which provides a RESET signal
to the microprocessor whenever VCC is at an invalid level. When
VCC falls below the reset threshold, the RESET output is forced
low. The nominal reset voltage threshold is 4.65 V (ADM690A/
ADM802L/ADM805L or 4.4 V ADM692A/ADM802M/
ADM805M.
On power-up RESET will remain low for 200 ms after VCC rises
above the reset threshold. This allows time for the power supply
and microprocessor to stabilize. On power-down, the RESET
output remains low with VCC as low as 1 V. This ensures that
the microprocessor is held in a stable shutdown condition.
The guaranteed minimum and maximum thresholds are as follows:
ADM690A/ADM802L/ADM805L: 4.5 V and 4.75 V
ADM692A: 4.25 V and 4.5 V.
ADM802L: 4.55 V and 4.7 V
ADM802M: 4.3 V and 4.45 V
The ADM805L and ADM805M contain an active high reset
output. This is the complement of RESET and is intended for
processors requiring an active high RESET signal.
The guaranteed minimum and maximum thresholds for the
ADM805 are:
ADM805L: 4.5 V and 4.75 V
ADM805M: 4.25 V and 4.5 V.
Watchdog Timer RESET, RESET
The watchdog timer circuit monitors the activity of the micro-
processor in order to check that it is not stalled in an indefinite
loop. An output line on the processor is used to toggle the
Watchdog Input (WDI) line. If this line is not toggled within
1.6 seconds, a RESET pulse is generated. The watchdog
timeout period restarts with each transition on the WDI pin. To
ensure that the watchdog timer does not time out, either a
high-to-low or low-to-high transition on the WDI pin must
occur at or less than the minimum timeout period. If WDI
remains permanently either high or low, reset pulses will be
issued after each timeout period (1.6 s). The watchdog monitor
can be deactivated by floating the Watchdog Input (WDI) or by
connecting it to midsupply.
+5V
0V
+5V
0V
+5V
0V
+5V
0V
0V
3.0V
3.0V
tRS
VCC
VOUT
RESET
RESET
PFO
VBATT = PFI = 3.0V
Figure 8. Timing Diagram
BATTERY SWITCHOVER SECTION
During normal operation with VCC higher than the reset
threshold, VCC is internally switched to VOUT via an internal
PMOS transistor switch. This switch has a typical on-resistance
of less than 1
Ω and can supply up to 100 mA at the V
OUT
terminal. Once VCC falls below the reset threshold, the higher of
VCC or VBATT is switched to VOUT. This means that VBATT
connects to VOUT only when VCC is below the reset threshold
and VBATT is greater than VCC.
VOUT is normally used to drive a RAM memory bank which
may require instantaneous currents of greater than 100 mA. If
this is the case, then a bypass capacitor should be connected to
VOUT. The capacitor will provide the peak current transients to the
RAM. A capacitance value of 0.1
µF or greater may be used.
A 9
Ω MOSFET switch connects the V
BATT input to VOUT
during battery backup. This MOSFET has very low input-to-
output differential (dropout voltage) at the low current levels
required for battery backup of CMOS RAM or other low power
CMOS circuitry. The supply current in battery backup is
typically 0.05
µA.
Typically 3 V batteries are used as the backup supply. High
value capacitors, either standard electrolytic or the farad size
double layer capacitors, can also be used for short-term memory
back up. A small charging current of typically 10 nA (0.1
µA
max) flows out of the VBATT terminal. This current is useful for
maintaining rechargeable batteries in a fully charged condition.
This extends the life of the back up battery by compensating for
its self discharge current. Also note that this current poses no
problem when lithium batteries are used for back up since the
maximum charging current (0.1
µA) is safe for even the smallest
lithium cells.
If the battery-switchover section is not used, VBATT should be
connected to GND and VOUT should be connected to VCC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com