Electronic Components Datasheet Search
  English  ▼

X  

BF514F Datasheet(PDF) 63 Page - Analog Devices

Part # BF514F
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF514F Datasheet(HTML) 63 Page - Analog Devices

Back Button BF514F Datasheet HTML 59Page - Analog Devices BF514F Datasheet HTML 60Page - Analog Devices BF514F Datasheet HTML 61Page - Analog Devices BF514F Datasheet HTML 62Page - Analog Devices BF514F Datasheet HTML 63Page - Analog Devices BF514F Datasheet HTML 64Page - Analog Devices BF514F Datasheet HTML 65Page - Analog Devices BF514F Datasheet HTML 66Page - Analog Devices BF514F Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Rev. B
|
Page 63 of 68
|
January 2011
OUTLINE DIMENSIONS
Dimensions in Figure 72 are shown in millimeters.
Figure 72. 176-Lead Low Profile Quad Flat Package [LQFP_EP]
(SQ-176-2)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MS-026-BGA-HD
1.45
1.40
1.35
0.15
0.10
0.05
TOP VIEW
(PINS DOWN)
133
1
132
45
44
88
89
176
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
1.60
MAX
26.20
26.00 SQ
25.80
24.10
24.00 SQ
23.90
VIEW A
PIN 1
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
12°
7°
0°
0.20
0.15
0.09
0.75
0.60
0.45
1.00 REF
BOTTOM VIEW
(PINS UP)
133
1
132
45
44
88
89
176
EXPOSED
PAD
EXPOSED PAD IS CENTERED ON
THE PACKAGE.
5.80 REF
SQ
NOTE: THE EXPOSED PAD IS REQUIRED TO BE ELECTRICALLY AND
THERMALLY CONNECTED TO GND. IMPLEMENT THIS BY
SOLDERING THE EXPOSED PAD TO A GND PCB LAND THAT IS
THE SAME SIZE AS THE EXPOSED PAD. THE GND PCB LAND
SHOULD BE ROBUSTLY CONNECTED TO THE GND PLANE IN
THE PCB WITH AN ARRAY OF THERMAL VIAS FOR BEST
PERFORMANCE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com