Electronic Components Datasheet Search
  English  ▼

X  

DAC312HSZ Datasheet(PDF) 9 Page - Analog Devices

Part # DAC312HSZ
Description  12-Bit High Speed Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC312HSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC312HSZ Datasheet HTML 5Page - Analog Devices DAC312HSZ Datasheet HTML 6Page - Analog Devices DAC312HSZ Datasheet HTML 7Page - Analog Devices DAC312HSZ Datasheet HTML 8Page - Analog Devices DAC312HSZ Datasheet HTML 9Page - Analog Devices DAC312HSZ Datasheet HTML 10Page - Analog Devices DAC312HSZ Datasheet HTML 11Page - Analog Devices DAC312HSZ Datasheet HTML 12Page - Analog Devices DAC312HSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DAC312
–9–
REV. C
BASIC CONNECTIONS
Basic Unipolar Operation
Symmetrical Offset Operation
MSB
LSB IO
IO
Code Format
Output Scale
B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12
(mA) (mA) VOUT
Straight Binary;
Positive Full-Scale
1111111111
1
1
3.999
0.000
9.9976
Unipolar with True
Positive Full-Scale –LSB
1111111111
1
0
3.998
0.001
9.9951
Input Code, True
LSB
0000000000
0
1
0.001
3.998
0.0024
Zero Output.
Zero-Scale
0000000000
0
0
0.000
3.999
0.0000
Complementary Binary;
Positive Full-Scale
0000000000
0
0
0.000
3.999
9.9976
Unipolar with
Positive full-Scale –LSB
0000000000
0
1
0.001
3.998
9.9951
Complementary Input
LSB
1111111111
1
0
3.998
0.001
0.0024
Code, True Zero Output.
Zero-Scale
1111111111
1
1
3.999
0.000
0.0000
MSB
LSB IO
IO
Code Format
Output Scale
B1
B2
B3 B4 B5 B6
B7 B8 B9 B10 B11 B12
(mA) (mA)
VOUT
Straight Offset Binary;
Positive Full-Scale
1
1
1
1
1
1
1
1
1
1
1
1
3.999 0.00
9.9976
Symmetrical about Zero, Positive Full-Scale –LSB
1
1
1
1
1
1
1
1
1
1
1
0
3.998 0.001
9.9927
No True Zero Output.
(+) Zero-Scale
1
0
0
0
0
0
0
0
0
0
0
0
2.000 1.999
0.0024
(–) Zero-Scale
0
1
1
1
1
1
1
1
1
1
1
1
1.999 2.000
–0.0024
Negative Full-Scale –LSB 0
0
0
0
0
0
0
0
0
0
0
1
0.001 3.998
–9.9927
Negative Full-Scale
0
0
0
0
0
0
0
0
0
0
0
0
0.000 3.999
–9.9976
1s Complement;
Positive Full-Scale
0
1
1
1
1
1
1
1
1
1
1
1
3.999 0.000
9.9976
Symmetrical about Zero, Positive Full-Scale –LSB
0
1
1
1
1
1
1
1
1
1
1
0
3.998 0.001
9.9927
No True Zero Output.
(+) Zero-Scale
0
0
0
0
0
0
0
0
0
0
0
0
2.000 1.999
0.0024
MSB Complemented
(–) Zero-Scale
1
1
1
1
1
1
1
1
1
1
1
1
1.999 2.000
–0.0024
(Need Inverter at B1).
Negative Full-Scale –LSB 1
0
0
0
0
0
0
0
0
0
0
1
0.001 3.998
–9.9927
Negative Full-Scale
1
0
0
0
0
0
0
0
0
0
0
0
0.000 3.999
–9.9976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com