Electronic Components Datasheet Search
  English  ▼

X  

DAC312 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC312
Description  12-Bit High Speed Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC312 Datasheet(HTML) 1 Page - Analog Devices

  DAC312 Datasheet HTML 1Page - Analog Devices DAC312 Datasheet HTML 2Page - Analog Devices DAC312 Datasheet HTML 3Page - Analog Devices DAC312 Datasheet HTML 4Page - Analog Devices DAC312 Datasheet HTML 5Page - Analog Devices DAC312 Datasheet HTML 6Page - Analog Devices DAC312 Datasheet HTML 7Page - Analog Devices DAC312 Datasheet HTML 8Page - Analog Devices DAC312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
12-Bit High Speed Multiplying
D/A Converter
DAC312
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Differential Nonlinearity:
1/2 LSB
Nonlinearity: 0.05%
Fast Settling Time: 250 ns
High Compliance: –5 V to +10 V
Differential Outputs: 0 to 4 mA
Guaranteed Monotonicity: 12 Bits
Low Full-Scale Tempco: 10 ppm/ C
Circuit Interface to TTL, CMOS, ECL, PMOS/NMOS
Low Power Consumption: 225 mW
Industry Standard AM6012 Pinout
Available In Die Form
PIN CONNECTIONS
20-Pin Hermetic DIP (R-Suffix),
20-Pin Plastic DIP (P-Suffix),
20-Pin SOL (S-Suffix)
GENERAL DESCRIPTION
The DAC312 series of 12-bit multiplying digital-to-analog con-
verters provide high speed with guaranteed performance to
0.012% differential nonlinearity over the full commercial oper-
ating temperature range.
The DAC312 combines a 9-bit master D/A converter with a
3-bit (MSBs) segment generator to form an accurate 12-bit D/A
converter at low cost. This technique guarantees a very uniform
step size (up to
±1/2 LSB from the ideal), monotonicity to
12-bits and integral nonlinearity to 0.05% at its differential cur-
rent outputs. In order to provide the same performance with a
12-bit R-2R ladder design, an integral nonlinearity over tem-
perature of 1/2 LSB (0.012%) would be required.
The 250 ns settling time with low glitch energy and low power
consumption are achieved by careful attention to the circuit de-
sign and stringent process controls. Direct interface with all
popular logic families is achieved through the logic threshold
terminal.
FUNCTIONAL BLOCK DIAGRAM
High compliance and low drift characteristics (as low as
10 ppm/
°C) are also features of the DAC312 along with an ex-
cellent power supply rejection ratio of
±.001% FS/%∆V. Oper-
ating over a power supply range of +5/–11 V to
±18 V the
device consumes 225 mW at the lower supply voltages with an
absolute maximum dissipation of 375 mW at the higher supply
levels.
With their guaranteed specifications, single chip reliability and
low cost, the DAC312 device makes excellent building blocks
for A/D converters, data acquisition systems, video display driv-
ers, programmable test equipment and other applications where
low power consumption and complete input/output versatility
are required.


Similar Part No. - DAC312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC312 AD-DAC312 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312BR/883 AD-DAC312BR/883 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312ER AD-DAC312ER Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312FR AD-DAC312FR Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312HP AD-DAC312HP Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
More results

Similar Description - DAC312

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
12-Bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
DAC312 AD-DAC312 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
logo
Intersil Corporation
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
12-Bit, Multiplying D/A Converter
August 1997
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
logo
Analog Devices
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com