Electronic Components Datasheet Search
  English  ▼

X  

OP27GP Datasheet(PDF) 20 Page - Analog Devices

Part # OP27GP
Description  Low Noise, Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GP Datasheet(HTML) 20 Page - Analog Devices

Back Button OP27GP Datasheet HTML 12Page - Analog Devices OP27GP Datasheet HTML 13Page - Analog Devices OP27GP Datasheet HTML 14Page - Analog Devices OP27GP Datasheet HTML 15Page - Analog Devices OP27GP Datasheet HTML 16Page - Analog Devices OP27GP Datasheet HTML 17Page - Analog Devices OP27GP Datasheet HTML 18Page - Analog Devices OP27GP Datasheet HTML 19Page - Analog Devices OP27GP Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
OP27
Rev. F | Page 20 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP27AJ/883C
–55° to +125°C
8-Lead Metal Can (TO-99)
J-Suffix (H-08)
OP27GJ
–40° to +85°C
8-Lead Metal Can (TO-99)
J-Suffix (H-08)
OP27AZ
–55° to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP27AZ/883C
–55° to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP27EZ
–25° to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP27GZ
–40° to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP27EP
0° to +70°C
8-Lead PDIP
P-Suffix (N-8)
OP27EPZ1
0° to +70°C
8-Lead PDIP
P-Suffix (N-8)
OP27GP
–40° to +85°C
8-Lead PDIP
P-Suffix (N-8)
OP27GPZ1
–40° to +85°C
8-Lead PDIP
P-Suffix (N-8)
OP27GS
–40° to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP27GS-REEL
–40° to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP27GS-REEL7
–40° to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP27GSZ1
–40° to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP27GSZ-REEL1
–40° to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP27GSZ-REEL71
–40° to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP27NBC
Die
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00317-0-5/06(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com