Electronic Components Datasheet Search
  English  ▼

X  

OP270GPZ2 Datasheet(PDF) 13 Page - Analog Devices

Part # OP270GPZ2
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GPZ2 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP270GPZ2 Datasheet HTML 9Page - Analog Devices OP270GPZ2 Datasheet HTML 10Page - Analog Devices OP270GPZ2 Datasheet HTML 11Page - Analog Devices OP270GPZ2 Datasheet HTML 12Page - Analog Devices OP270GPZ2 Datasheet HTML 13Page - Analog Devices OP270GPZ2 Datasheet HTML 14Page - Analog Devices OP270GPZ2 Datasheet HTML 15Page - Analog Devices OP270GPZ2 Datasheet HTML 16Page - Analog Devices OP270GPZ2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
OP270
Rev. E | Page 13 of 20
For reference, typical source resistances of some signal sources are listed in Table 5.
Table 5. Typical Source Resistances
Device
Source Impedance
Comments
Strain Gage
<500 Ω
Typically used in low frequency applications.
Magnetic Tapehead, Microphone
<1500 Ω
Low IB is very important to reduce self-magnetization problems when
direct coupling is used. OP270 IB can be disregarded.
Magnetic Phonograph Cartridge
<1500 Ω
Low IB is important to reduce self-magnetization problems in direct-coupled
applications. OP270 does not introduce any self-magnetization problem
s.
Linear Variable Differential Transformer
<1500 Ω
Used in rugged servo-feedback applications. The bandwidth of interest is
400 Hz to 5 kHz.
OP270
DUT
R1
5Ω
R2
5Ω
R3
1.24kΩ
OP27E
R5
909Ω
R4
200Ω
R13
5.9kΩ
R12
10kΩ
OP27E
OP42E
R9
306Ω
R10
65.4kΩ
R11
65.4kΩ
R8
10kΩ
C1
2µF
C4
0.22µF
D1, D2
1N4148
R6
600Ω
C2
0.032µF
C3
0.22µF
C5
1µF
R14
4.99kΩ
eOUT
GAIN = 50,000
VS = ±15V
Figure 35. Peak-to-Peak Voltage Noise Test Circuit (0.1 Hz to 10 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com