Electronic Components Datasheet Search
  English  ▼

X  

SMBJ5921 Datasheet(PDF) 1 Page - Formosa MS

Part # SMBJ5921
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ5921 Datasheet(HTML) 1 Page - Formosa MS

  SMBJ5921 Datasheet HTML 1Page - Formosa MS SMBJ5921 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0 Watt
Features
•
Surface Mount Applications
•
3.3 thru 200 Volt Voltage Range
•
Ideal For High Density, Low Profile Mounting
•
Withstands Large Surge Stresses
•
Available on Tape and Reel
Mechanical Data
•
CASE: JEDEC DO-214AA molded Surface Mountable
•
Terminals solderable per MIL-STD-750, Method 2026
•
Polarity is indicated by cathode band
•
Packaging: Standard 12mm Tape (see EIA 481)
•
Maximum temperature for soldering: 260
OC for 10 seconds
•
For surface mount applications with flame retardent epoxy
Meeting UL94V-0
Maximum Ratings @ 25OC Unless Otherwise Specified
Steady State
Power
Dissipation
P(AV)
3.0W
(Note:1)
Operation And
Storage
Temperature
TJ, TSTG
-55
OC to
+150
OC
Thermal
Resistance
R
25
OC/W
1
.
Mounted on 4.0mm
2 copper pads to each terminal.
Lead temperature at TL=75
oC
NOTE:
SMBJ5913 Thru SMBJ5956
SURFACEMOUNTSILICON ZENERDIODES
bKPOKQ40s
IJKLJMNPQRS
T
UN
5678
9

Dimensions in inches and (millimeters)
0.086 (2.20)
0.071 (1.80)
0.183(4.65)
0.167(4.25)
0.151(3.84)
0.126(3.20)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.205(5.21)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.093(2.35)
0.081(2.05)
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121623
2008/02/10
2011/03/10
F
2
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SMBJ5921

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5921 JGD-SMBJ5921 Datasheet
184Kb / 2P
1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5921 MCC-SMBJ5921 Datasheet
353Kb / 2P
Silicon Zener Diode 3.0 Watt
logo
Microsemi Corporation
SMBJ5921 MICROSEMI-SMBJ5921 Datasheet
92Kb / 2P
SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
List of Unclassifed Man...
SMBJ5921 ETC2-SMBJ5921 Datasheet
205Kb / 3P
Transient Voltage Suppressor
logo
Jinan Gude Electronic D...
SMBJ5921A JGD-SMBJ5921A Datasheet
184Kb / 2P
1.5W SILICON SURFACE MOUNT ZENER DIODES
More results

Similar Description - SMBJ5921

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
ZPX3.0 SUNMATE-ZPX3.0 Datasheet
522Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com