Electronic Components Datasheet Search
  English  ▼

X  

GDZ11C Datasheet(PDF) 2 Page - Formosa MS

Part # GDZ11C
Description  Zener diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GDZ11C Datasheet(HTML) 2 Page - Formosa MS

  GDZ11C Datasheet HTML 1Page - Formosa MS GDZ11C Datasheet HTML 2Page - Formosa MS GDZ11C Datasheet HTML 3Page - Formosa MS GDZ11C Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse
Leakage Current
Marking
Code
V Z @ IZT
ZZT @ I ZT
ZZK @ I ZK
IR @ VR
No m. V
Mi n. V
Ma x. V
Ω
mA
Ω
mA
μ
AV
500 mW Zener Diodes
GDZ 2.0A
2
1.88
2.1
140
20
2000
1
120
0.5
2A0
GDZ 2.0B
2
2.02
2.2
140
20
2000
1
120
0.5
2B0
GDZ 2.2A
2.2
2.12
2.3
120
20
2000
1
120
0.7
2A2
GDZ 2.2B
2.2
2.22
2.41
120
20
2000
1
120
0.7
2B2
GDZ 2.4A
2.4
2.33
2.52
100
20
2000
1
120
1
2A4
GDZ 2.4B
2.4
2.43
2.63
100
20
2000
1
120
1
2B4
GDZ 2.7A
2.7
2.54
2.75
100
20
1000
1
120
1
2A7
GDZ 2.7B
2.7
2.69
2.91
100
20
1000
1
120
1
2B7
GDZ 3.0A
3
2.85
3.07
80
20
1000
1
50
1
3A0
GDZ 3.0B
3
3.01
3.22
80
20
1000
1
50
1
3B0
GDZ 3.3A
3.3
3.16
3.38
70
20
1000
1
20
1
3A3
GDZ 3.3B
3.3
3.32
3.53
70
20
1000
1
20
1
3B3
GDZ 3.6A
3.6
3.46
3.69
60
20
1000
1
10
1
3A6
GDZ 3.6B
3.6
3.6
3.84
60
20
1000
1
10
1
3B6
GDZ 3.9A
3.9
3.74
4.01
50
20
1000
1
5
1
3A9
GDZ 3.9B
3.9
3.89
4.16
50
20
1000
1
5
1
3B9
GDZ 4.3A
4.3
4.04
4.29
40
20
1000
1
5
1
4A3
GDZ 4.3B
4.3
4.17
4.43
40
20
1000
1
5
1
4B3
GDZ 4.3C
4.3
4.3
4.57
40
20
1000
1
5
1
4C3
GDZ 4.7A
4.7
4.44
4.68
25
20
900
1
5
1
4A7
GDZ 4.7B
4.7
4.55
4.8
25
20
900
1
5
1
4B7
GDZ 4.7C
4.7
4.68
4.93
25
20
900
1
5
1
4C7
GDZ 5.1A
5.1
4.81
5.07
20
20
800
1
5
1.5
5A1
GDZ 5.1B
5.1
4.94
5.2
20
20
800
1
5
1.5
5B1
GDZ 5.1C
5.1
5.09
5.37
20
20
800
1
5
1.5
5C1
GDZ 5.6A
5.6
5.28
5.55
13
20
500
1
5
2.5
5A6
GDZ 5.6B
5.6
5.45
5.73
13
20
500
1
5
2.5
5B6
GDZ 5.6C
5.6
5.61
5.91
13
20
500
1
5
2.5
5C6
GDZ 6.2A
6.2
5.78
6.09
10
20
300
1
5
3
6A2
GDZ 6.2B
6.2
5.96
6.27
10
20
300
1
5
3
6B2
GDZ 6.2C
6.2
6.12
6.44
10
20
300
1
5
3
6C2
GDZ 6.8A
6.8
6.29
6.63
8
20
150
0.5
2
3.5
6A8
GDZ 6.8B
6.8
6.49
6.83
8
20
150
0.5
2
3.5
6B8
GDZ 6.8C
6.8
6.66
7.01
8
20
150
0.5
2
3.5
6C8
GDZ 7.5A
7.5
6.85
7.22
8
20
120
0.5
0.5
4
7A5
GDZ 7.5B
7.5
7.07
7.45
8
20
120
0.5
0.5
4
7B5
GDZ 7.5C
7.5
7.29
7.67
8
20
120
0.5
0.5
4
7C5
GDZ 8.2A
8.2
7.53
7.92
8
20
120
0.5
0.5
5
8A2
GDZ 8.2B
8.2
7.78
8.19
8
20
120
0.5
0.5
5
8B2
GDZ 8.2C
8.2
8.03
8.45
8
20
120
0.5
0.5
5
8C2
GDZ 9.1A
9.1
8.29
8.73
8
20
120
0.5
0.5
6
9A1
GDZ 9.1B
9.1
8.57
9.01
8
20
120
0.5
0.5
6
9B1
GDZ 9.1C
9.1
8.83
9.3
8
20
120
0.5
0.5
6
9C1
GDZ 10A
10
9.12
9.59
8
20
120
0.5
0.2
7
10A
GDZ 10B
10
9.41
9.9
8
20
120
0.5
0.2
7
10B
GDZ 10C
10
9.7
10.2
8
20
120
0.5
0.2
7
10C
GDZ 10D
10
9.94
10.44
8
20
120
0.5
0.2
7
10D
GDZ 11A
11
10.18
10.71
10
10
120
0.5
0.2
8
11A
GDZ 11B
11
10.5
11.05
10
10
120
0.5
0.2
8
11B
GDZ 11C
11
10.82
11.38
10
10
120
0.5
0.2
8
11C
Zener diode
GDZ2.0 Thru GDZ56
Formosa MS
Page 2
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221953
2009/08/10
2011/08/12
B
4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com