Electronic Components Datasheet Search
  English  ▼

X  

AD394KD Datasheet(PDF) 9 Page - Analog Devices

Part # AD394KD
Description  Up-Compatible Multiplying Quad 12-Bit D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD394KD Datasheet(HTML) 9 Page - Analog Devices

Back Button AD394KD Datasheet HTML 4Page - Analog Devices AD394KD Datasheet HTML 5Page - Analog Devices AD394KD Datasheet HTML 6Page - Analog Devices AD394KD Datasheet HTML 7Page - Analog Devices AD394KD Datasheet HTML 8Page - Analog Devices AD394KD Datasheet HTML 9Page - Analog Devices AD394KD Datasheet HTML 10Page - Analog Devices AD394KD Datasheet HTML 11Page - Analog Devices AD394KD Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD394
Rev. A | Page 9 of 12
Figure 9. Use of Subtracter Amplifier to Preserve Accuracy
OPERATION FROM ±12 V SUPPLIES
The AD394 may be used with ±12 V ±5% power supplies if
certain conditions are met. The most important limitation is the
output swing available from the output op amps. These ampli-
fiers are capable of swinging only up to 3 V from either supply.
Thus, the normal ±10 V output range cannot be used. Changing
the output scale is accomplished by changing the reference
voltage. With a supply of ±11.4 V (5% less than ±12 V), the
output range is restricted to a maximum ±8.4 V swing. It may
be useful to scale the output at ±8.192 V (yielding a scale factor
of 4 mV per LSB).
Figure 10 shows a suggested circuit to set up a ±8.192 V output
range. To help prevent poor gain drift due to a possible mis-
match between RIN and RTHEVENIN of the divider network, it is
recommended to buffer RIN, the potentiometer wiper voltage,
with an OP-07.
Figure 10. Connections for ±8.192 V Full Scale
(Recommended for ±12 V Power Supplies)
POWER SUPPLY DECOUPLING
The power supplies used with the AD394 should be well-filtered
and regulated. Local supply decoupling consisting of a 10 µF
tantalum capacitor in parallel with 0.1 µF ceramic capacitor is
suggested. The decoupling capacitors should be connected
between the supply pins and the AGND pin. If an output
booster is used, its supplies should also be decoupled to the
load ground.
IMPROVING FULL-SCALE STABILITY
In large systems using multiple DACs, it may be desirable for all
devices to share a common reference. A precision reference can
greatly improve system accuracy and temperature stability.
The AD2710 is a suitable reference source for such systems. It
features a guaranteed maximum temperature coefficient of
±1 ppm/°C. The combination of the AD2710LN and AD394, as
shown in Figure 11, yields a multiple DAC system with maxi-
mum full-scale drift of ±6 ppm/°C and excellent tracking.
Figure 11. Low Drift Configuration
APPLICATIONS
Interfacing the AD394 to Microprocessors
The AD394 control logic provides a simple interface to micro-
processors. The individual latches allow for multi-DAC inter-
facing to a single data bus.
16-Bit Processors
The AD394 is a 12-bit resolution DAC system and is easily
interfaced to 16-bit wide data buses. Several possible addressing
configurations exist.
In the circuit shown in Figure 12, a system write signal is used
to control the decoded address lines and a 74LS139 decoder
driven from the least significant address bits provides the
active-low CS1 through CS4 signals. In the circuit in Figure 12,
address lines A0 and A1 each select a single DAC of the four
contained in the AD394. The use of a separate address line for
each DAC allows several DACs to be accessed simultaneously.
The address lines are gated by the simultaneous occurrence of a
system WR and the appropriately decoded base address.
In the addressing scheme shown in Figure 12, A0 represents the
least significant word address bit. Data may reside in either the
12 MSBs (left-justified) or the 12 LSBs (right-justified). Left
justification is useful when the data-word represents a binary
fraction of full scale, while right-justified data usually represents
an integer value between 0 and 4095.
Figure 12. 16-Bit Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com