Electronic Components Datasheet Search
  English  ▼

X  

AD652JPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD652JPZ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652JPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD652JPZ Datasheet HTML 16Page - Analog Devices AD652JPZ Datasheet HTML 17Page - Analog Devices AD652JPZ Datasheet HTML 18Page - Analog Devices AD652JPZ Datasheet HTML 19Page - Analog Devices AD652JPZ Datasheet HTML 20Page - Analog Devices AD652JPZ Datasheet HTML 21Page - Analog Devices AD652JPZ Datasheet HTML 22Page - Analog Devices AD652JPZ Datasheet HTML 23Page - Analog Devices AD652JPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD652
Rev. C | Page 20 of 28
SVFC Demultiplexer
The demultiplexer needed to separate the combined signals is
shown in Figure 30. A phase-locked loop drives another 4-phase
clock chip to lock onto the reconstructed clock signal. The sync
pulses are distinguished from the data pulses by their shorter
duration. Each falling edge on the multiplex input signal
triggers the one-shot; at the end of this one-shot pulse, the
multiplex input signal is sampled by a D-type flip-flop. If the
signal is high, the pulse was short (a sync pulse) and the Q
output of the D-flop goes low. The D-flop is cleared a short time
(two gate delays) later, and the clock is reconstructed as a
stream of short, low-going pulses. If the multiplex input is a data
pulse, then the signal will still be low and no pulse will appear at
the reconstructed clock output when the D-flop samples at the
end of the one-shot period. See Figure 29.
If it is desired to recover the individual frequency signals, the
multiplex input is sampled with a D-flop at the appropriate
time, as determined by the rising edge of the various phases
generated by the clock chip. These frequency signals can be
counted as a ratio relative to the reconstructed clock, so it is not
even necessary for the transmitter to be crystal-controlled as
shown in Figure 30.
φ1
φ1
SYNC
φ2
φ3
DATA
φ4
φ2
φ3
φ4
1MULTIPLEX
OUTPUT
Figure 28. Multiplexer Waveforms
MULTIPLEX
INPUT
ONE SHOT
RECONSTRUCTED
CLOCK
φ1
(PHASE LOCKED TO
RECONSTRUCTED
CLOCK)
Figure 29. Demultiplexer Waveforms
14
13
5
4
10
4
2
11
8
9
0.1
µF
PHASE LOCK LOOP
MC4044
3
1
3.01k
Ω
719
Ω
1k
Ω
+5V
+5V
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
φ4
φ3
φ1
+5V
φ2
TANK 1
TIM 9904A
4 PHASE CLOCK
TANK 2
XTAL 2
XTAL 1
FFQ
OSCIN
FFD
OSCOUT
φ3
VDD
φ4
φ1
φ2
GND 1
GND 2
VCC
φ1 TTL
φ2 TTL
φ3 TTL
φ4 TTL
130
Ω
150
Ω
3
16
15
11
6
8
9
7
2
4
5
+5V
50pF
VCO
'LS629
390pF
'00
'00
CLEAR
Q
CLOCK
D
1/2 '74
RECONSTRUCTED
CLOCK OUTPUT
MPX
INPUT
1
14
2
13
3
12
4
11
5
10
6
9
7
8
QQ
ONE SHOT
'121
GND
NC
RINT
CEXT
REXT/CEXT
NC
NC
VCC
Q
+5V
A2
A1
NC
2k
Ω
50pF
+5V
Q
D
CLOCK
Q
f2
φ2
'74 (1/2)
D
CLOCK
Q
f3
RECONSTRUCTED
FREQUENCY OUTPUTS
φ3
'74 (1/2)
D
CLOCK
Q
f4
φ4
'74 (1/2)
NC = NO CONNECT
Figure 30. SVFC Demultiplexers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com