Electronic Components Datasheet Search
  English  ▼

X  

AD652 Datasheet(PDF) 11 Page - Analog Devices

Part # AD652
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD652 Datasheet HTML 7Page - Analog Devices AD652 Datasheet HTML 8Page - Analog Devices AD652 Datasheet HTML 9Page - Analog Devices AD652 Datasheet HTML 10Page - Analog Devices AD652 Datasheet HTML 11Page - Analog Devices AD652 Datasheet HTML 12Page - Analog Devices AD652 Datasheet HTML 13Page - Analog Devices AD652 Datasheet HTML 14Page - Analog Devices AD652 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD652
Rev. C | Page 11 of 28
NC = NO CONNECT
5
7
8
NC
VIN
+
–
NC
NC
6
9
10
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
10k
Ω
10k
Ω
16k
Ω
4k
Ω
A. PLCC 0V TO 10V INPUT
5
7
8
NC
NC
NC
6
9
10
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
10k
Ω
10k
Ω
16k
Ω
4k
Ω
B. PLCC 0V TO 8V INPUT
VIN
+
–
5
7
8
NC
NC
NC
6
9
10
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
10k
Ω
10k
Ω
16k
Ω
4k
Ω
C. PLCC 0V TO 5V INPUT
VIN
+
–
5
7
8
NC
VIN
±5V
NC
6
9
10
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
10k
Ω
10k
Ω
16k
Ω
4k
Ω
D. PLCC
±5V INPUT
5V REF
20
Figure 13.
PLCC CONNECTIONS
The PLCC packaged AD652 offers additional input resistors not
found on the CERDIP-packaged device. These resistors provide
the user with additional input voltage ranges. Besides the 10 V
range available using the on-chip resistor in the CERDIP the
PLCC also offers 8 V and 5 V ranges. Figure 13A to Figure 13C
show the proper connections for these ranges with positive
input voltages. For negative input voltages, the appropriate
resistor should be tied to analog ground and the input voltage
should be applied to Pin 6, the + input of the op amp.
Bipolar input voltages can be accommodated by injecting
250 µA into Pin 5 with the use of the 5 V reference and the
input resistors. For the ±5 V or ±2.5 V range, the reference
output, Pin 20, should be tied to Pin 10. The input signal should
then be applied to Pin 8 for a ±5 V signal and to Pin 7 for a
±2.5 V signal. The input connections for a ±5 V range are
shown in Figure 13D. For a ±4 V range, the input signal should
be applied to Pin 9, and Pin 20 should be connected to Pin 8.
GAIN AND OFFSET CALIBRATION
The gain error of the AD652 is laser trimmed to within ±0.5%.
If higher accuracy is required, the internal 20 kΩ resistor must
be shunted with a 2 MΩ resistor to produce a parallel equivalent
that is 1% lower in value than the nominal 20 kΩ. Full-scale
adjustment is then accomplished using a 500 Ω series trimmer.
See Figure 14 and Figure 15. When negative input voltages are
used, this 500 Ω trimmer is tied to ground and Pin 6 is the
input pin.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
VIN
+VS
0.02
µF
2M
Ω
500
Ω
250k
Ω
20k
Ω
Figure 14. CERDIP Gain and Offset Trim
4
5
6
7
8
18
17
16
15
14
9
10
11
12
13
3
2
1
20
19
1mA
5V
REFERENCE
AD652
AND
"D"
FLOP
Q
CK
D
Q
ONE
SHOT
10k
Ω
10k
Ω
16k
Ω
4k
Ω
SYNCHRONOUS
VOLTAGE-TO-FREQUENCY
CONVERTER
VIN
500
Ω
500
Ω
2M
Ω
0.02
µF
20k
Ω
350k
Ω
±3.5mV
OFFSET
TRIM
Figure 15. PLCC Gain and Offset Trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com