Electronic Components Datasheet Search
  English  ▼

X  

AD783 Datasheet(PDF) 2 Page - Analog Devices

Part # AD783
Description  Complete Very High Speed Sample-and-Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD783 Datasheet(HTML) 2 Page - Analog Devices

  AD783 Datasheet HTML 1Page - Analog Devices AD783 Datasheet HTML 2Page - Analog Devices AD783 Datasheet HTML 3Page - Analog Devices AD783 Datasheet HTML 4Page - Analog Devices AD783 Datasheet HTML 5Page - Analog Devices AD783 Datasheet HTML 6Page - Analog Devices AD783 Datasheet HTML 7Page - Analog Devices AD783 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
AD783–SPECIFICATIONS
DC SPECIFICATIONS
AD783J/A
Parameter
Min
Typ
Max
Units
SAMPLING CHARACTERISTICS
Acquisition Time
5 V Step to 0.01%
250
375
ns
5 V Step to 0.1%
200
350
ns
Small Signal Bandwidth
15
MHz
Full Power Bandwidth
2
MHz
HOLD CHARACTERISTICS
Effective Aperture Delay (+25
°C)
–30
15
30
ns
Aperture Jitter (+25
°C)
20
50
ps
Hold Settling (to 1 mV, +25
°C)
150
200
ns
Droop Rate
0.02
1
µV/µs
Feedthrough (+25
°C)
(VIN = ± 2.5 V, 500 kHz)
–80
dB
ACCURACY CHARACTERISTICS
1
Hold Mode Offset
–5
0
+5
mV
Hold Mode Offset Drift
10
µV/°C
Sample Mode Offset
50
200
mV
Nonlinearity
±0.005
% FS
Gain Error
±0.03
±0.1
% FS
OUTPUT CHARACTERISTICS
Output Drive Current
–5
+5
mA
Output Resistance, DC
0.3
0.6
Ω
Total Output Noise (DC to 5 MHz)
150
µV rms
Sampled DC Uncertainty
85
µV rms
Hold Mode Noise (DC to 5 MHz)
125
µV rms
Short Circuit Current
Source
20
mA
Sink
13
mA
INPUT CHARACTERISTICS
Input Voltage Range
–2.5
+2.5
V
Bias Current
100
250
nA
Input Impedance
10
M
Ω
Input Capacitance
2
pF
DIGITAL CHARACTERISTICS
Input Voltage Low
0.8
V
Input Voltage High
2.0
V
Input Current High (VIN = 5 V)
2
10
µA
POWER SUPPLY CHARACTERISTICS
Operating Voltage Range
±4.75
±5
±5.25
V
Supply Current
9.5
17
mA
+PSRR (+5 V
± 5%)
45
65
dB
–PSRR (–5 V
± 5%)
45
65
dB
Power Consumption
95
175
mW
TEMPERATURE RANGE
Specified Performance (J)
0
+70
°C
Specified Performance (A)
–40
+85
°C
NOTES
1Specified and tested over an input range of
±2.5 V.
Specifications subject to change without notice.
(TMIN to TMAX with VCC = +5 V
5%, VEE = –5 V
5%, CL = pF, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com