Electronic Components Datasheet Search
  English  ▼

X  

ADR01 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR01
Description  Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR01 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR01 Datasheet HTML 12Page - Analog Devices ADR01 Datasheet HTML 13Page - Analog Devices ADR01 Datasheet HTML 14Page - Analog Devices ADR01 Datasheet HTML 15Page - Analog Devices ADR01 Datasheet HTML 16Page - Analog Devices ADR01 Datasheet HTML 17Page - Analog Devices ADR01 Datasheet HTML 18Page - Analog Devices ADR01 Datasheet HTML 19Page - Analog Devices ADR01 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD5546/AD5556
Rev. D | Page 17 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AE
28
15
14
1
8 °
0 °
SEATING
PLANE
COPLANARITY
0.10
1.20 MAX
6.40 BSC
0.65
BSC
PIN 1
0.30
0.19
0.20
0.09
4.50
4.40
4.30
0.75
0.60
0.45
9.80
9.70
9.60
0.15
0.05
Figure 24. 28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RES
(Bit)
DNL
(LSB)
INL
(LSB)
Temperature
Range (°C)
Package Description
Package Option
Ordering Quantity
AD5546BRU
16
±1
±2
−40 to +125
28-Lead TSSOP
RU-28
50
AD5546BRU-REEL7
16
±1
±2
−40 to +125
28-Lead TSSOP
RU-28
1,000
AD5546BRUZ
16
±1
±2
−40 to +125
28-Lead TSSOP
RU-28
50
AD5546BRUZ-REEL7
16
±1
±2
−40 to +125
28-Lead TSSOP
RU-28
1,000
AD5546CRUZ
16
±1
±1
−40 to +125
28-Lead TSSOP
RU-28
50
AD5546CRUZ-REEL7
16
±1
±1
−40 to +125
28-Lead TSSOP
RU-28
1,000
AD5556CRU
14
±1
±1
−40 to +125
28-Lead TSSOP
RU-28
50
AD5556CRU-REEL7
14
±1
±1
−40 to +125
28-Lead TSSOP
RU-28
1,000
AD5556CRUZ
14
±1
±1
−40 to +125
28-Lead TSSOP
RU-28
50
EVAL-AD5546SDZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com