Electronic Components Datasheet Search
  English  ▼

X  

IOCON6 Datasheet(PDF) 29 Page - Analog Devices

Part # IOCON6
Description  8-/10-Channel, Low Voltage, Low Power,ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IOCON6 Datasheet(HTML) 29 Page - Analog Devices

Back Button IOCON6 Datasheet HTML 25Page - Analog Devices IOCON6 Datasheet HTML 26Page - Analog Devices IOCON6 Datasheet HTML 27Page - Analog Devices IOCON6 Datasheet HTML 28Page - Analog Devices IOCON6 Datasheet HTML 29Page - Analog Devices IOCON6 Datasheet HTML 30Page - Analog Devices IOCON6 Datasheet HTML 31Page - Analog Devices IOCON6 Datasheet HTML 32Page - Analog Devices IOCON6 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
REV. 0
AD7708/AD7718
–29–
AD0C2
RN2
ADC Range Bits
AD0C1
RN1
Written by the user to select the ADC input range as follows
AD0C0
RN0
RN2
RN1
RN0
Selected ADC Input Range (VREF = 2.5 V)
000
±20 mV
001
±40 mV
010
±80 mV
011
±160 mV
100
±320 mV
101
±640 mV
110
±1.28 V
111
±2.56 V
Filter Register (A3, A2, A1, A0 = 0, 0, 1, 1; Power-On Reset = 45Hex)
The Filter Register is an 8-bit register from which data can be read or to which data can be written. This register determines the
amount of averaging performed by the sinc filter. Table XVII outlines the bit designations for the Filter Register. FR7 through FR0
indicate the bit location, FR denoting the bits are in the Filter Register. FR7 denotes the first bit of the data stream. The number in
brackets indicates the power-on/reset default status of that bit. The number in this register is used to set the decimation factor and
thus the output update rate for the ADCs. The filter register cannot be written to by the user the ADC is active. The update rate is
used for the ADCs is calculated as follows:
f
f
CHOP Enabled CHOP
f
SF
f
CHOP Disabled CHOP
ADC
MOD
ADC
MOD
=×
=
=
×
×=
()
()
1
3
0
1
8
1
where
fADC = ADC Output Update Rate,
fMOD = Modulator Clock Frequency = 32.768 kHz,
SF
= Decimal Value Written to SF Register.
Table XVII. Filter Register Bit Designations
7
R
F6
R
F5
R
F4
R
F3
R
F2
R
F1
R
F0
R
F
)
0
(
7
F
S6
F
S)
1
(5
F
S)
0
(4
F
S)
0
(3
F
S)
0
()
1
(
2
F
S)
0
(
1
F
S)
1
(
0
F
S
The allowable range for SF is 13 decimal to 255 decimal with chop enabled, and the allowable SF range when chop is disabled is 03
decimal to 255 decimal. Examples of SF values and corresponding conversion rate (fADC) and time (tADC) are shown in Table XVIII.
It should be noted that optimum performance is obtained when operating with chop enabled. When chopping is enabled (
CHOP = 0),
the filter register is loaded with FF HEX during a calibration cycle. With chop disabled (
CHOP =1), the value in the filter register is
used during calibration.
Table XVIII. Update Rate vs. SF Word
CHOP Enabled
CHOP Disabled
SF (Dec)
SF (Hex)
fADC (Hz)
tADC (ms)
fADC (Hz)
tADC (ms)
03
03
N/A
N/A
1365.33
0.732
13
0D
105.3
9.52
315
3.17
69
45
19.79
50.34
59.36
16.85
255
FF
5.35
186.77
16.06
62.26
Table XVI. ADC Control Register (ADCCON) Bit Designations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com