| Electronic Components Datasheet Search |
|
IOCON5 Datasheet(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
IOCON5 Datasheet(HTML) 24 Page - Analog Devices |
|
24 / 44 page ![]() REV. 0 –24– AD7708/AD7718 Table XI. Registers—Quick Reference Guide (continued) Power-On/Reset Register Name Type Size Default Value Function AD7718 Offset Register Read/Write 24 Bits 800 000 Hex Contains a 24-bit word which is the offset calibration coefficient for the part. The contents of this register are used to provide offset correction on the output from the digital filter. There are five Offset Registers on the part and these are associated with input chan- nels as outlined in the ADCCON register. AD7718 Gain Register Read/Write 24 Bits 5XXXX5 Hex Contains a 24-bit word which is the gain calibration coefficient for the part. The contents of this register are used to provide gain correction on the output from the digital filter. There are five Gain Registers on the part and these are associated with input chan- nels as outlined in the ADCCON register. AD7708 Offset Register Read/Write 16 Bits 8000 Hex Contains a 16-bit word which is the offset calibration coefficient for the part. The contents of this register are used to provide offset correction on the output from the digital filter. There are five Offset Registers on the part and these are associated with input chan- nels as outlined in the ADCCON register. AD7708 Gain Register Read/Write 16 Bits 5XXX Hex Contains a 16-bit word which is the gain calibration coefficient for the part. The contents of this register are used to provide gain correction on the output from the digital filter. There are five Gain Registers on the part and these are associated with input chan- nels as outlined in the ADCCON register. AD7708 ID Register Read 8 Bits 5X Hex Contains an 8-bit byte which is the identifier for the part. AD7718 ID Register Read 8 Bits 4X Hex Contains an 8-bit byte which is the identifier for the part. Test Registers Read/Write 16 Bits 0000 Hex Controls the test modes of the part that are used when testing the part. The user is advised not to change the contents of these registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |