Electronic Components Datasheet Search
  English  ▼

X  

IOCON0 Datasheet(PDF) 21 Page - Analog Devices

Part # IOCON0
Description  8-/10-Channel, Low Voltage, Low Power,ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IOCON0 Datasheet(HTML) 21 Page - Analog Devices

Back Button IOCON0 Datasheet HTML 17Page - Analog Devices IOCON0 Datasheet HTML 18Page - Analog Devices IOCON0 Datasheet HTML 19Page - Analog Devices IOCON0 Datasheet HTML 20Page - Analog Devices IOCON0 Datasheet HTML 21Page - Analog Devices IOCON0 Datasheet HTML 22Page - Analog Devices IOCON0 Datasheet HTML 23Page - Analog Devices IOCON0 Datasheet HTML 24Page - Analog Devices IOCON0 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
REV. 0
AD7708/AD7718
–21–
Table VII. Typical Output RMS Noise vs. Input Range and Update Rate for AD7718 with Chop Disabled (
CHOP = 1);
Output RMS Noise in
V
SF
Data Update
Input Range
Word
Rate (Hz)
20 mV
40 mV
80 mV
160 mV
320 mV
640 mV
1.28 V
2.56 V
03
1365.33
30.31
29.02
58.33
112.7
282.44
361.72
616.89
1660
13
315.08
2.47
2.49
2.37
3.87
7.18
12.61
16.65
32.45
66
62.06
0.743
0.852
0.9183
0.8788
0.8795
1.29
1.99
3.59
69
59.38
0.961
0.971
0.949
0.922
0.923
1.32
2.03
3.73
81
50.57
0.894
0.872
0.872
0.806
0.793
1.34
2.18
2.96
255
16.06
0.475
0.468
0.434
0.485
0.458
0.688
1.18
1.78
Table VIII. Peak-to-Peak Resolution vs. Input Range and Update Rate for AD7718 with Chop Disabled (
CHOP = 1);
Peak-to-Peak Resolution in Bits
SF
Data Update
Input Range
Word
Rate (Hz)
20 mV
40 mV
80 mV
160 mV
320 mV
640 mV
1.28 V
2.56 V
03
1365.33
8999
9
9
9
9
13
315.08
11
12
14
14
14
14
15
15
66
62.06
13
14
15
16
17
17
18
18
69
59.36
13
14
15
16
17
17
18
18
81
50.57
13
14
15
16
17
17
18
18
255
16.06
14
15
16
17
18
18
19
19
Table IX. Typical Output RMS Noise vs. Input Range and Update Rate for AD7708 with Chop Disabled (
CHOP = 1);
Output RMS Noise in
V
SF
Data Update
Input Range
Word
Rate (Hz)
20 mV
40 mV
80 mV
160 mV
320 mV
640 mV
1.28 V
2.56 V
03
1365.33
30.31
29.02
58.33
112.7
282.44
361.72
616.89
1660
13
315.08
2.47
2.49
2.37
3.87
7.18
12.61
16.65
32.45
66
62.06
0.743
0.852
0.9183
0.8788
0.8795
1.29
1.99
3.59
69
59.38
0.961
0.971
0.949
0.922
0.923
1.32
2.03
3.73
81
50.57
0.894
0.872
0.872
0.806
0.793
1.34
2.18
2.96
255
16.06
0.475
0.468
0.434
0.485
0.458
0.688
1.18
1.78
Table X. Peak-to-Peak Resolution vs. Input Range and Update Rate for AD7708 with Chop Disabled (
CHOP = 1);
Peak-to-Peak Resolution in Bits
SF
Data Update
Input Range
Word
Rate (Hz)
20 mV
40 mV
80 mV
160 mV
320 mV
640 mV
1.28 V
2.56 V
03
1365.33
8999
9
9
9
9
13
315.08
11
12
14
14
14
14
15
15
66
62.06
13
14
15
16
16
16
16
16
69
59.36
13
14
15
16
16
16
16
16
81
50.57
13
14
15
16
16
16
16
16
255
16.06
14
15
16
16
16
16
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com