Electronic Components Datasheet Search
  English  ▼

X  

AD7894 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7894
Description  5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7894 Datasheet(HTML) 2 Page - Analog Devices

  AD7894 Datasheet HTML 1Page - Analog Devices AD7894 Datasheet HTML 2Page - Analog Devices AD7894 Datasheet HTML 3Page - Analog Devices AD7894 Datasheet HTML 4Page - Analog Devices AD7894 Datasheet HTML 5Page - Analog Devices AD7894 Datasheet HTML 6Page - Analog Devices AD7894 Datasheet HTML 7Page - Analog Devices AD7894 Datasheet HTML 8Page - Analog Devices AD7894 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
AD7894–SPECIFICATIONS
(VDD = +5 V
5%, GND = 0 V, REF IN = +2.5 V. All specifications TMIN to TMAX unless
otherwise noted.)
Parameter
A Versions
l
B Versions
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Signal to (Noise + Distortion) Ratio
3
@ +25
°C
78
78
dB min
fIN = 70 kHz Sine Wave, fSAMPLE = 160 kHz
TMIN to TMAX
77
77
dB min
See Figure 14
Total Harmonic Distortion (THD)
3
–86
–86
dB max
fIN = 10 kHz Sine Wave, fSAMPLE = 160 kHz,
Typically –87 dB. See Figure 15
Peak Harmonic or Spurious Noise
3
–92
–92
dB typ
fIN = 10 kHz Sine Wave, fSAMPLE = 160 kHz
Intermodulation Distortion (IMD)
3
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 160 kHz
2nd Order Terms
–92
–92
dB typ
3rd Order Terms
–92
–92
dB typ
DC ACCURACY
Resolution
14
14
Bits
Minimum Resolution for Which
No Missing Codes Are Guaranteed
14
14
Bits
Relative Accuracy
3
±2
±1.5
LSB max
Differential Nonlinearity
3
–1 to +1.5
–1 to +1.5
LSB max
AD7894-2
Positive Gain Error
3
±12
±10
LSB max
Unipolar Offset Error
±8
±6
LSB max
AD7894-10, AD7894-3 Only
Positive Gain Error
3
±8
±6
LSB max
Negative Gain Error
3
±8
±6
LSB max
Bipolar Zero Error
±10
±8
LSB max
ANALOG INPUT
AD7894-10
Input Voltage Range
±10
±10
V
Input Current
2
2
mA max
See Analog Input Section
AD7894-3
Input Voltage Range
±2.5
±2.5
V
Input Current
1.5
1.5
mA max
See Analog Input Section
AD7894-2
Input Voltage Range
0 to +2.5
0 to +2.5
V
Input Current
500
500
nA max
REFERENCE INPUT
REF IN Input Voltage Range
2.375/2.625
2.375/2.625
V min/V max
2.5 V
± 5%
Input Current
1
1
µA max
Input Capacitance
4
10
10
pF max
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
V min
ISOURCE = 400 µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA
Output Coding
AD7894-10, AD7894-3
Twos Complement
AD7894-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
Mode 1 Operation
5
5
µs max
Mode 2 Operation
5
10
10
µs max
Track/Hold Acquisition Time
3
0.35
0.35
µs max
SAMPLE AND HOLD
–3 dB Small Signal Bandwidth
7.5
7.5
MHz typ
Aperture Jitter
50
50
ps typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com