Electronic Components Datasheet Search
  English  ▼

X  

AD8044 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8044
Description  Quad 150 MHz Rail-to-Rail Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044 Datasheet(HTML) 4 Page - Analog Devices

  AD8044 Datasheet HTML 1Page - Analog Devices AD8044 Datasheet HTML 2Page - Analog Devices AD8044 Datasheet HTML 3Page - Analog Devices AD8044 Datasheet HTML 4Page - Analog Devices AD8044 Datasheet HTML 5Page - Analog Devices AD8044 Datasheet HTML 6Page - Analog Devices AD8044 Datasheet HTML 7Page - Analog Devices AD8044 Datasheet HTML 8Page - Analog Devices AD8044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SPECIFICATIONS
AD8044A
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth, VO < 0.5 V p-p
G = +1
80
135
MHz
Bandwidth for 0.1 dB Flatness
G = +2, RL = 150
W
10
MHz
Slew Rate
G = –1, VO = 2 V Step
110
150
V/
ms
Full Power Response
VO = 2 V p-p
22
MHz
Settling Time to 1%
G = –1, VO = 2 V Step
35
ns
Settling Time to 0.1%
55
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, G = –1, RL = 100
W
–48
dB
Input Voltage Noise
f = 10 kHz
16
nV/
÷Hz
Input Current Noise
f = 10 kHz
600
fA/
÷Hz
Differential Gain Error (NTSC)
G = +2, RL = 150
W to 1.5 V, Input VCM = 0.5 V
0.13
%
Differential Phase Error (NTSC)
G = +2, RL = 150
W to 1.5 V, Input VCM = 0.5 V
0.3
Degrees
Crosstalk
f = 5 MHz, RL = 1 k
W, G = +2
–60
dB
DC PERFORMANCE
Input Offset Voltage
1.5
5.5
mV
TMIN–TMAX
7.5
mV
Offset Drift
8
mV/∞C
Input Bias Current
2
4.5
mA
TMIN–TMAX
4.5
mA
Input Offset Current
0.2
1.2
mA
Open-Loop Gain
RL = 1 k
W
80
92
dB
TMIN–TMAX
88
dB
INPUT CHARACTERISTICS
Input Resistance
225
k
W
Input Capacitance
1.6
pF
Input Common-Mode Voltage Range
–0.2 to 2
V
Common-Mode Rejection Ratio
VCM = 0 V to 1.5 V
76
90
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 k
W to 1.5 V
0.025 to 2.98
V
Output Voltage Swing:
RL = 1 k
W to 1.5 V
0.17 to 2.82 0.06 to 2.93
V
Output Voltage Swing:
RL = 150
W to 1.5 V
0.35 to 2.55 0.15 to 2.75
V
Output Current
TMIN–TMAX, VOUT = 0.5 V to 2.5 V
25
mA
Short Circuit Current
Sourcing
30
mA
Sinking
50
mA
Capacitive Load Drive
G = +2
35
pF
POWER SUPPLY
Operating Range
312
V
Quiescent Current
10.5
12.5
mA
Power Supply Rejection Ratio
VS = 0, +3 V, +0.5 V
70
80
dB
OPERATING TEMPERATURE RANGE
0
+70
∞C
Specifications subject to change without notice.
AD8044
REV. B
–3–
(@ TA = +25 C, VS = +3 V, RL = 2 k
to 1.5 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com