Electronic Components Datasheet Search
  English  ▼

X  

AD76871 Datasheet(PDF) 19 Page - Analog Devices

Part # AD76871
Description  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD76871 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD76871 Datasheet HTML 15Page - Analog Devices AD76871 Datasheet HTML 16Page - Analog Devices AD76871 Datasheet HTML 17Page - Analog Devices AD76871 Datasheet HTML 18Page - Analog Devices AD76871 Datasheet HTML 19Page - Analog Devices AD76871 Datasheet HTML 20Page - Analog Devices AD76871 Datasheet HTML 21Page - Analog Devices AD76871 Datasheet HTML 22Page - Analog Devices AD76871 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7986
Rev. B | Page 19 of 28
CS MODE, 3-WIRE WITHOUT BUSY INDICATOR
This mode is usually used when a single AD7986 is connected
to an SPI-compatible digital host. The connection diagram is
shown in Figure 25, and the corresponding timing is given in
Figure 26.
With SDI tied to VIO, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. Once
a conversion is initiated, it continues until completion irrespective
of the state of CNV. This can be useful, for instance, to bring
CNV low to select other SPI devices, such as analog multiplexers;
however, CNV must be returned high before the minimum
conversion time elapses and then held high for the maximum
possible conversion time to avoid the generation of the busy
signal indicator. When the conversion is complete, the AD7986
enters the acquisition phase and powers down. When CNV
goes low, the MSB is output onto SDO. The remaining data bits
are clocked by subsequent SCK falling edges. The data is valid on
both SCK edges. Although the rising edge can be used to
capture the data, a digital host using the SCK falling edge allows
a faster reading rate, provided that it has an acceptable hold
time. After the 18th SCK falling edge or when CNV goes high
(whichever occurs first), SDO returns to high impedance.
AD7986
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
Figure 25. CS Mode, 3-Wire Without Busy Indicator Connection Diagram (SDI High)
ACQUISITION (n)
ACQUISITION
(n + 1)
ACQUISITION
(n - 1)
1
2
BEGIN DATA (n – 1)
CONVERSION (n)
END DATA (n – 1)
SCK
CNV
SDO
16
17
CONVERSION (n – 1)
END DATA (n – 2)
tCONV
tDATA
0
(I/O QUIET
TIME)
(I/O QUIET
TIME)
18
16
17
18
1
17
16
15
2
0
1
2
SDI = 1
>
tCONV
(QUIET
TIME)
tCYC
tACQ
tCNVH
tQUIET
tSCK
tDIS
tDIS
tDIS
tDIS
tEN
tEN
tDSDO
tHSDO
tDATA
tCONV
Figure 26. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com