Electronic Components Datasheet Search
  English  ▼

X  

AD76901 Datasheet(PDF) 4 Page - Analog Devices

Part # AD76901
Description  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD76901 Datasheet(HTML) 4 Page - Analog Devices

  AD76901 Datasheet HTML 1Page - Analog Devices AD76901 Datasheet HTML 2Page - Analog Devices AD76901 Datasheet HTML 3Page - Analog Devices AD76901 Datasheet HTML 4Page - Analog Devices AD76901 Datasheet HTML 5Page - Analog Devices AD76901 Datasheet HTML 6Page - Analog Devices AD76901 Datasheet HTML 7Page - Analog Devices AD76901 Datasheet HTML 8Page - Analog Devices AD76901 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7986
Rev. B | Page 4 of 28
AVDD = DVDD = 2.5 V, BVDD = 5 V, VIO = 1.8 V to 2.7 V, VREF = 4.096 V, TA = −40°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
INTERNAL REFERENCE
PDREF = low
Output Voltage
T
A= 25°C
4.081
4.096
4.111
V
Temperature Drift
−40°C to +85°C
±10
ppm/°C
Line Regulation
AVDD = 2.5 V ± 5%
±50
ppm/V
Turn-On Settling Time
C
REF = 10 μF, CREFBUFIN = 0.1 μF
220
ms
REFIN Output Voltage
REFIN @ 25°C
1.2
V
REFIN Output Resistance
7.5
kΩ
EXTERNAL REFERENCE
PDREF = high, REFIN = low
Voltage Range
2.4
5.1
V
Current Drain
2 MSPS, V
REF = 5.0 V
500
µA
REFERENCE BUFFER
REFIN Input Voltage Range
1.2
V
REFIN Input Current
160
µA
DIGITAL INPUTS
Logic Levels
V
IL
−0.3
+0.1 × VIO
V
V
IH
+0.9 × VIO
VIO + 0.3
V
I
IL
−1
+1
µA
I
IH
−1
+1
µA
DIGITAL OUTPUTS
Data Format
Serial, 18 bits, twos complement
Pipeline Delay
Conversion results available immediately
after completed conversion
V
OL
I
SINK = +500 µA
0.4
V
V
OH
I
SOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
AVDD, DVDD
2.375
2.5
2.625
V
BVDD
4.75
5.0
5.25
VIO
Specified performance
1.8
2.5
2.7
V
VIO Range
V
Standby Current1, 2
AVDD = DVDD = VIO = 2.5 V, BVDD = 5.0 V
2.25
µA
Power Dissipation
With Internal Reference
2 MSPS throughput
29
34
mW
Without Internal Reference
2 MSPS throughput
15
16.5
mW
With Internal Reference
1.5 MSPS throughput
26
30
mW
Without Internal Reference
1.5 MSPS throughput
11.5
13
mW
TEMPERATURE RANGE3
Specified Performance
T
MIN to TMAX
−40
+85
°C
1 With all digital inputs forced to VIO or GND as required.
2 During acquisition phase.
3 Contact an Analog Devices, Inc., sales representative for the extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com