Electronic Components Datasheet Search
  English  ▼

X  

AD79841 Datasheet(PDF) 5 Page - Analog Devices

Part # AD79841
Description  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD79841 Datasheet(HTML) 5 Page - Analog Devices

  AD79841 Datasheet HTML 1Page - Analog Devices AD79841 Datasheet HTML 2Page - Analog Devices AD79841 Datasheet HTML 3Page - Analog Devices AD79841 Datasheet HTML 4Page - Analog Devices AD79841 Datasheet HTML 5Page - Analog Devices AD79841 Datasheet HTML 6Page - Analog Devices AD79841 Datasheet HTML 7Page - Analog Devices AD79841 Datasheet HTML 8Page - Analog Devices AD79841 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7986
Rev. B | Page 5 of 28
TIMING SPECIFICATIONS
AVDD = DVDD = 2.5 V, BVDD = 5 V, VIO = 1.8 V to 2.7 V, VREF = 4.096 V, TA = −40°C to +85°C, unless otherwise noted.1
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available (Turbo Mode/Normal Mode)
t
CONV
400/500
ns
Acquisition Time
t
ACQ
100
ns
Time Between Conversions (Turbo Mode/Normal Mode)
t
CYC
500/660
ns
CNV Pulse Width (CS Mode)
t
CNVH
10
ns
Data Read During Conversion (Turbo Mode/Normal Mode)
t
DATA
200/300
ns
Quiet Time During Acquisition from Last SCK Falling Edge to CNV Rising Edge
t
QUIET
20
ns
SCK Period (CS Mode)
t
SCK
9
ns
SCK Period (Chain Mode)
t
SCK
11
ns
SCK Low Time
t
SCKL
3.5
ns
SCK High Time
t
SCKH
3.5
ns
SCK Falling Edge to Data Remains Valid
t
HSDO
2
ns
SCK Falling Edge to Data Valid Delay
t
DSDO
6
ns
CNV or SDI Low to SDO D17 MSB Valid (CS Mode)
t
EN
10
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
t
DIS
8
ns
SDI Valid Setup Time from CNV Rising Edge
t
SSDICNV
4
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
t
HSDICNV
0
ns
SDI Valid Hold Time from CNV Rising Edge (Chain Mode)
t
HSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
t
SSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
t
HSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
t
SSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
t
HSDISCK
3
ns
SDI High to SDO High (Chain Mode with Busy Indicator)
t
DSDOSDI
5
ns
1 See Figure 2 and Figure 3 for load conditions.
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
20pF
Figure 2. Load Circuit for Digital Interface Timing
90% VIO
10% VIO
VIH1
VIL1
VIL1
VIH1
tDELAY
tDELAY
1MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 3.
Figure 3. Voltage Levels for Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com