Electronic Components Datasheet Search
  English  ▼

X  

MT-032 Datasheet(PDF) 10 Page - Analog Devices

Part # MT-032
Description  Quad 150 MHz Rail-to-Rail Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-032 Datasheet(HTML) 10 Page - Analog Devices

Back Button MT-032 Datasheet HTML 6Page - Analog Devices MT-032 Datasheet HTML 7Page - Analog Devices MT-032 Datasheet HTML 8Page - Analog Devices MT-032 Datasheet HTML 9Page - Analog Devices MT-032 Datasheet HTML 10Page - Analog Devices MT-032 Datasheet HTML 11Page - Analog Devices MT-032 Datasheet HTML 12Page - Analog Devices MT-032 Datasheet HTML 13Page - Analog Devices MT-032 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AD8044
REV. B
–9–
TEMPERATURE ( C)
12.0
9.0
11.5
11.0
10.5
10.0
9.5
–40
–20
0
20
40
60
80
100
VS = 5V
VS = +5V
VS = +3V
Figure 22. Supply Current vs. Temperature
FREQUENCY (MHz)
20
–10
–30
–50
–70
10
0
–20
–40
–60
–80
1
500
10
100
0.1
0.01
VS = +5V
–PSRR
+PSRR
Figure 23. PSRR vs. Frequency
10
9
0
6
3
2
1
8
7
4
5
FREQUENCY (MHz)
VS = 5V
RL = 2k
0.1
1
10
100
500
Figure 24. Output Voltage Swing vs. Frequency
LOAD CAPACITANCE (pF)
60
40
0
30
20
10
50
0
250
50
100
150
200
G = +2, RS = 0 ,
VO = 100mV STEP
RF = RG = 750
G = +1, RS = 20 ,
VO = 100mV STEP
RF = 0, RG =
G = +1, RS = 40 ,
VO = 100mV STEP
RF = 0, RG =
G = +3, RS = 0 ,
VO = 150mV STEP
RF = 750
RG = 375
50
VIN
–2.5V
+2.5V
RF
RG
RS
VOUT
Figure 25. % Overshoot vs. Capacitive Load
3
–1
–6
100k
1M
10M
100M
500M
2
1
0
–2
–3
–4
–5
–7
FREQUENCY (Hz)
VS = +5V
RL = 5k TO 2.5V
RF = 2k
G = +5
G = +10
G = +2
RL = 150 TO 2.5V
RF = 200
G = +2
Figure 26. Frequency Response vs. Closed-Loop Gain
–10
–50
–100
–20
–30
–40
–60
–70
–80
–90
–110
0.1
110
100
FREQUENCY (MHz)
400
VS = 5V
VIN = 1V p-p
G = +2
RF = 1k
RL = 1k
RL = 100
Figure 27. Crosstalk (Output to Output) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com