Electronic Components Datasheet Search
  English  ▼

X  

AD8014 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8014
Description  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8014 Datasheet HTML 10Page - Analog Devices AD8014 Datasheet HTML 11Page - Analog Devices AD8014 Datasheet HTML 12Page - Analog Devices AD8014 Datasheet HTML 13Page - Analog Devices AD8014 Datasheet HTML 14Page - Analog Devices AD8014 Datasheet HTML 15Page - Analog Devices AD8014 Datasheet HTML 16Page - Analog Devices AD8014 Datasheet HTML 17Page - Analog Devices AD8014 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7986
Rev. B | Page 14 of 28
Transfer Functions
The ideal transfer characteristic for the AD7986 is shown in
Figure 22 and Table 7.
100 ... 000
100 ... 001
100 ... 010
011 ... 101
011 ... 110
011 ... 111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 22. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Description
Analog Input
V
REF = 5 V
Digital Output
Code (Hex)
FSR − 1 LSB
+4.095969 V
0x1FFFF1
Midscale + 1 LSB
+31.25 µV
0x00001
Midscale
0 V
0x00000
Midscale − 1 LSB
−31.25 µV
0x3FFFF
−FSR + 1 LSB
−4.095969 V
0x20001
−FSR
−4.096 V
0x200002
1 This is also the code for an overranged analog input (V
IN+ − VIN− above VREF −
REFGND).
2 This is also the code for an underranged analog input (V
IN+ − VIN− below REFGND).
TYPICAL CONNECTION DIAGRAM
Figure 23 shows an example of the recommended connection
diagram for the AD7986 when multiple supplies are available.
2.7nF
15
Ω
V–
0V TO VREF
V+
2.7nF
15
Ω
V–
V+
IN–
AD7986
IN+
REF
AVDD,
DVDD
DD
VIO
BVDD
5V
2.5V
1.8V TO 2.7V
VIO
SDI
SCLK
SDO
CNV
TURBO
10µF
VREF TO 0V
GND1
NOTES
1. GND REFERS TO REFGND, AGND, AND DGND.
3- OR 4-WIRE
INTERFACE:
SPI, CS
DAISY CHAIN (TURBO = LOW)
Figure 23. Typical Application Diagram with Multiple Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com