Electronic Components Datasheet Search
  English  ▼

X  

AD8599 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8599
Description  36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599 Datasheet(HTML) 3 Page - Analog Devices

  AD8599 Datasheet HTML 1Page - Analog Devices AD8599 Datasheet HTML 2Page - Analog Devices AD8599 Datasheet HTML 3Page - Analog Devices AD8599 Datasheet HTML 4Page - Analog Devices AD8599 Datasheet HTML 5Page - Analog Devices AD8599 Datasheet HTML 6Page - Analog Devices AD8599 Datasheet HTML 7Page - Analog Devices AD8599 Datasheet HTML 8Page - Analog Devices AD8599 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
AD8675
Rev. E | Page 3 of 12
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VS = ±5.0 V, VCM = 0 V, VO = 0 V, TA = +25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
10
75
µV
−40°C ≤ T
A ≤ +125°C
12
240
µV
Offset Voltage Drift
ΔV
OS/ΔT
−40°C ≤ T
A ≤ +125°C
0.2
0.6
µV/°C
Input Bias Current
I
B
−2
+0.5
+2
nA
−40°C ≤ T
A ≤ +125°C
−5.5
−2
+5.5
nA
Input Offset Current
I
OS
−1
+0.1
+1
nA
−40°C ≤ T
A ≤ +125°C
−2.8
+0.1
+2.8
nA
Input Voltage Range
IVR
−3.0
+3.0
V
Common-Mode Rejection Ratio
CMRR
V
CM = −3.0 V to +3.0 V
105
130
dB
−40°C ≤ T
A ≤ +125°C
105
dB
Open-Loop Gain
A
VO
R
L = 2 kΩ to ground,
120
126
dB
V
O = −3.5 V to +3.5 V
−40°C ≤ T
A ≤ +125°C
117
dB
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
R
L = 10 kΩ to ground
4.90
4.95
V
−40°C ≤ T
A ≤ +125°C
4.85
V
R
L = 2 kΩ to ground
4.80
4.90
V
−40°C ≤ T
A ≤ +125°C
4.75
V
Output Voltage Low
V
OL
R
L = 10 kΩ to ground
−4.98
−4.90
V
−40°C ≤ T
A ≤ +125°C
−4.85
V
R
L = 2 kΩ to ground
−4.91
−4.86
V
−40°C ≤ T
A ≤ +125°C
−4.82
V
Short-Circuit Limit
I
SC
±35
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ±5.0 V to ±15.0 V
120
140
dB
−40°C ≤ T
A ≤ +125°C
120
dB
Supply Current/Amplifier
I
SY
V
O = 0 V
2.3
2.7
mA
−40°C ≤ T
A ≤ +125°C
3.4
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 2 kΩ
2.5
V/µs
Gain Bandwidth Product
GBP
10
MHz
NOISE PERFORMANCE
Voltage Noise
e
n p-p
0.1 Hz to 10 Hz
0.1
µV p-p
Voltage Noise Density
e
n
f = 1 kHz
2.8
nV/√Hz
Current Noise Density
i
n
f = 10 Hz
0.3
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com