Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000-2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADAS1000-2
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAS1000-2 Datasheet HTML 9Page - Analog Devices ADAS1000-2 Datasheet HTML 10Page - Analog Devices ADAS1000-2 Datasheet HTML 11Page - Analog Devices ADAS1000-2 Datasheet HTML 12Page - Analog Devices ADAS1000-2 Datasheet HTML 13Page - Analog Devices ADAS1000-2 Datasheet HTML 14Page - Analog Devices ADAS1000-2 Datasheet HTML 15Page - Analog Devices ADAS1000-2 Datasheet HTML 16Page - Analog Devices ADAS1000-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. A | Page 13 of 80
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
AVDD to AGND
−0.3 V to +6 V
IOVDD to DGND
−0.3 V to +6 V
ADCVDD to AGND
−0.3 V to +2.5 V
DVDD to DGND
−0.3 V to +2.5 V
REFIN/REFOUT to REFGND
−0.3 V to +2.1 V
ECG and Analog Inputs to AGND
−0.3 V to AVDD + 0.3 V
Digital Inputs to DGND
−0.3 V to IOVDD + 0.3 V
REFIN to ADCVDD
ADCVDD + 0.3 V
AGND to DGND
−0.3 V to + 0.3 V
REFGND to AGND
−0.3 V to + 0.3 V
ECG Input Continuous Current
±10 mA
Storage Temperature Range
−65°C to +125°C
Operating Junction Temperature Range
−40°C to +85°C
Reflow Profile
J-STD 20 (JEDEC)
Junction Temperature
150°C max
ESD
HBM
2500 V
FICDM
1000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 8. Thermal Resistance1
Package Type
θJA
Unit
56-Lead LFCSP
35
°C/W
64-Lead LQFP
42.5
°C/W
1
Based on JEDEC standard 4-layer (2S2P) high effective thermal conductivity
test board (JESD51-7) and natural convection.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com