Electronic Components Datasheet Search
  English  ▼

X  

MB1S Datasheet(PDF) 5 Page - Formosa MS

Part # MB1S
Description  0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MB1S Datasheet(HTML) 5 Page - Formosa MS

  MB1S Datasheet HTML 1Page - Formosa MS MB1S Datasheet HTML 2Page - Formosa MS MB1S Datasheet HTML 3Page - Formosa MS MB1S Datasheet HTML 4Page - Formosa MS MB1S Datasheet HTML 5Page - Formosa MS MB1S Datasheet HTML 6Page - Formosa MS MB1S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
01234
564
589 1 4
95







 !"#
$

%
&%
'
(
$

%

)
(
$

%
'*
(
"*
+(

,-./0
1%
''%


2./0
1%
''%


,-./%
'%


2./%
'%


3'(
'%


"*
+(
*1%

%

40((
*1%

%

40((
*%

(
"*
+(
*%

(
5611

/&%
'
(
7


*
(%
+11
*&%
'
(
48
4,
5
9
$
'
3

:
4

!
!
!,
!,
!
:,
";6
8<
,
8<
,
8<
,
%

%

8<
=
8<
,
8<
-
,<
8
8<
,
8<
,
8<
,
8<
,
8<
,
8<
,
<
8
<
8
0%

>

,<
=8
--8<
88

=8<
88

,-<
88
,<
2=
=<
=8
?<
88
@<
88
<
88
8<
-8
,<
88
,?<
88
4)=
A
>
!7%
1*+'%
'&%

(5
1
'/"@?,'1*%
B
%

%
1
%
1
'67<
=<
88
2<
@
-<
--
48
4,
5
9
$
'
3
:
4

!
!,
!
:,
DEFGHIJKLDEMFH
N9 9O1DH
(

*>
P
P
&&&<
B
11<
P
5Q>
??,
3R>
??,@,
STUWXY
Z[\]\^_
Y
`
Y
\X
!0
!

110'!

/7%
1'!
 /7%
1%

4)<
!"@,,8?
88?P
8P
,8
8,,P
8@P
8
$
2

a
b
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com