Electronic Components Datasheet Search
  English  ▼

X  

MBR1645CT Datasheet(PDF) 2 Page - Formosa MS

Part # MBR1645CT
Description  REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MBR1645CT Datasheet(HTML) 2 Page - Formosa MS

  MBR1645CT Datasheet HTML 1Page - Formosa MS MBR1645CT Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
012345678
012346678
012345678
012346678
012345678
012346678
012345678
012346678
012345678
012346678










%"&'" #($
)*+, !"")! 
%)%")
)! ")-
)
".."%)!/






0



! &12-%"34.5
)*6,&7)& & !!,'")")% 
 !"'-
8*9:%%;
<=>
?.@>
A%;
<?@B?
C&?DE(F
G
G
G





H
I
J


H
'!""'/%-"#K$
)*L,"2')-%.")%")%
'-
"MNOP
"M+6OQ
"M6OP
&1+3L4",&1+3644"
G
G



 G G G0 GH G GI GR GJ GS  G G
-"#$
)*9,"2')-)!%"!"! %
.")%")
%'-
'T>
U?;
FDEM944T%
+K TDVVW>
?
&1+3L4",&1+3LO"
&1+3O4",&1+384"
"M6OP
&1+3X4",&1+3644"
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com