Electronic Components Datasheet Search
  English  ▼

X  

SL23-L Datasheet(PDF) 2 Page - Formosa MS

Part # SL23-L
Description  Low VF Chip Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL23-L Datasheet(HTML) 2 Page - Formosa MS

  SL23-L Datasheet HTML 1Page - Formosa MS SL23-L Datasheet HTML 2Page - Formosa MS SL23-L Datasheet HTML 3Page - Formosa MS SL23-L Datasheet HTML 4Page - Formosa MS SL23-L Datasheet HTML 5Page - Formosa MS SL23-L Datasheet HTML 6Page - Formosa MS SL23-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
01235
7898 



 !!
"!#"

$

"!
0%&%'()(&
*+,-.
).
+,/
01231242356
7
8
7
3459223:6
0123124;922359223:6
&3<32;359223:6
-7
143=
9:56
7
1:51>157
6
1:53
/6
121236
3?>3216
923
/3307
2@
5
A@
B?;;7
:2C
3D1C
8;7
:3E31<3;9>327
?>1;341:
216
3C
114FG(-(*?36
D143H
8
IJ'KL1:41>>C
7
34MN-*23<32;3<1C
6
123
/O?P1C '.
,@ )Q0@ '%R@ S,.
)
.
+
.
0/'
.
&
*
G
)
/)T
%
%
?%
+*
>0
5@
U
VU
J@
U
WJXV
EYV
+
N I N
) I 5V*
&
&&'
G
JYU
/Z55EZ
/Z5BEZ
/Z5MEZ
5U
BU
MU
JM
5J
5A
5U
BU
MU
EVV6
1WJUU
/Q'[+Z/
N
&&'
FNH
N
&'/
N
&
FNH
FNH
\J
\5
\B
\J&3>36
7
6
7
<3>31]23<32;3<1C
6
123
\5&'/<1C
6
123
\B*1:6
7
:919;23<32;3<1C
6
123
\M'1^7
?9?8
123124<1C
6
123_.I5@
U%
0
N
0
FNH
\M
U@
MU
U@
MU
U@
BA
+
F*H
+>3216
7
:2
6
3?>3216
923
)`
G
D6
6
>a
b
b
333@
8
12?1;1?;@
51?b
)(Za
AAYE5E55YcYYYJ
0%Ra
AAYE5E55YcYJMJ
deefdghijdekfd
lmn op
m qr s
t
t*1;3a'1C434>C1;675`
t)32?7:1C;a/1C432>C1634`;1C4321PC3>32
'.
ZE/)-EXVU`'36
D145U5Y
t01C1276Oa.:4751634PO516D143P1:4
t'19:67:201;7671:a%:O
tu372D6a%>>21^7?1634U@UV221?
(>1^Oa
SZcMENU216
348
C
1?3236
1241:6
-+E5JM%*b/'%EZ
7l sv9l
[16
5D>2153;;43;7
2:`3^53C
C
3:6>133247
;;7
>16
7
1:18
8
32;
P36
6
3223<32;3C
31]12359223:61:46
D32?1C23;7
;6
1:53@
Z13>218
7
C
3;928
153?19:6
341>>C
7
516
7
1:7
:124326
1
1>6
7
?7
L3P1124;>153@
Z13>1332C
1;;`D7
2D38
8
7
57
3:5O@
K7
2D59223:651>1P7
C
7
6
O`C
138
123124<1C
6
123421>@
K7
2D;922351>1P7
C
7
6
O@
T912427
:28
121<32<1C
6
123>216
356
7
1:@
SC
6
21D7
2DE;>334;37
6
5D7
:2@
/7
C
7
51:3>7
6
1^7
1C>C
1:125D7
>`?36
1C;7
C
7
51:=
9:56
7
1:@
Z314E8
233>126
;?3363:<7
21:?3:6
1C;6
1:4124;18
'.
ZE/)-EJcVUUb
55A
/98
8
7
^wEKw7
:47
516
3;K1C
123:E8
233>126
`3^@
/Z55EZEK@
t
t
t
t
t
t
t
t
t
x
-159?3:6.
-
.
;;934-16
3
&3<7
;34-16
3 &3<7
;7
1:
0123@
z m{ |l8vsq
p
ol
U@
5UcFV@
BH
U@
JAVFM@
XH
U@
UJ5FU@
BH)O>@
U@
JJMF5@
cH
U@
UcJF5@
BH
U@
UAUF5@
UH
U@
UYBFJ@
YH
U@
UB5FU@
AH)O>@
U@
UB5FU@
AH)O>@
-7
?3:;7
1:;7
:7
:5D3;1:4F
?7
C
C
7
?36
32
;H
/'%E
Z
-/EJ5JYX5
5UUAb
U5b
JU
5UJJb
UBb
5V
0
X
 }p
v 9 sp
o| or~q
lms9p
m qn 9 msl9p
sp
m F%))I5V
%
1* 9:C
3;;16
D3237
;3:16
34H
e€
‚
v9ƒ ml8vos
mn8ss{„… 99p
l9ilmsp
ƒp
l9 fe†fk†
d8‡†7
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com