Electronic Components Datasheet Search
  English  ▼

X  

SL34-AL Datasheet(PDF) 7 Page - Formosa MS

Part # SL34-AL
Description  3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL34-AL Datasheet(HTML) 7 Page - Formosa MS

  SL34-AL Datasheet HTML 1Page - Formosa MS SL34-AL Datasheet HTML 2Page - Formosa MS SL34-AL Datasheet HTML 3Page - Formosa MS SL34-AL Datasheet HTML 4Page - Formosa MS SL34-AL Datasheet HTML 5Page - Formosa MS SL34-AL Datasheet HTML 6Page - Formosa MS SL34-AL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
01235
7898 



 !!
"!#"

$

"!
%&
'(9)*
&
+&
*
&
,-,) ,. / +&
*
&
,&
)
01
1
23
4
4
5556
7
89:8;1:;6
<8:4
=>?3
@@ABCBCCADAAAE
FGH3
@@ABCBCCADAEIE
JKLMNJO%PQJKRMNJ
S8<T:3U1V
S
V
;;T3WS11
3
X3YZ
;3WS11
3 X3YZ
;Z
8U
01236
E6[8\
W39X3;Z
;1
1U<3
C6[8\
W391]Z
\
Z
1
^
_6`Z
20=3:23911
T93X3Y39;3aZ
1;
I6F89519Wb23911
Z
8U?Z
7
3
c6V
U1
39:Z
1
1
3U1b23911
Z
8U?Z
7
3
A6093;;T93d88e39
56=3:23911
T93d^<\
Z
U2
@6=039:1\[08<e
D6F89519W[T923
Ef6`T:Z
WZ
1
^
EE6`Z
20=3:23911
T93[1
89123?Z
7
3
11CAf c 7
89Ef C;3<6
Z
::39;3]8W^Z
U1
8;8\
W39E4
EAghE4
_Cg
b
11CIchcd7
89c;3<6
b
ij@fk 911
311=jEffd7
89EA@09;6
X
l
b
X11
3W1Y3912393<1
Z
7
Z
39<T993U111=jCcd7
89cff09;6
G
b
= jCcdmVjV
G
F
b
bU;1
11
33285398U7
89c:Z
U6
87
7;1
11
332853987
77
89c:Z
U6
8U1UW87
77
89cff<^<\
3;6
b
Ec0 11=jECEd7
89I09;6
[V
n
G
b
b
Bccd1
8oECcdW53\
\
3W7
89_f:Z
U6
1UW1
91U;7
3993W7
89c:Z
U61
81
1\Ef<^<\
3;6
b
b
fd7
89c:Z
U69Z
;31
8Effd7
89c:Z
U61
81
1\Ef<^<\
3;6
@6
_:;;Z
U2\
301\
7;Z
U3B51Y3;T239Z
:28;3W
8U911
3W\
81Wm8U3;T9236
b
11=j@cdmX`j@ck 7
89Efff09;6
G
b
11E5cd7
89Efff09;6
b
h d
h
pV
?B[=SB5cfS
p>=`bSBCf_E
pV
?B[=SBCfCF
p>=`bSBCf@
pV
?B[=SB5cfS
p>=`bSBEf_@
pV
?B[=SB5cfS
p>=`bSBEfC5
pV
?B[=SB5cfS
p>=`bSBEf_A
l>[SCCBGEfC
pV
?B[=SB5cfS
p>=`bSBEfcE
pV
?B[=SB5cfS
p>=`bSBEfcA
pV
?B[=SB5cfS
p>=`bSBIfAABC
pV
?B[=SB5cfS
p>=`bSBEfCE
pV
?B[=SB5cfS
p>=`bSBEf_E
V
1
3:=3;1
d8UWZ
1
Z
8U;
X37
393U<3
S[BECEAEq
Cff@4
fC4
Ef
CfEf4
f_4
Ef
>
5
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com