Electronic Components Datasheet Search
  English  ▼

X  

RL201 Datasheet(PDF) 3 Page - Formosa MS

Part # RL201
Description  2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

RL201 Datasheet(HTML) 3 Page - Formosa MS

  RL201 Datasheet HTML 1Page - Formosa MS RL201 Datasheet HTML 2Page - Formosa MS RL201 Datasheet HTML 3Page - Formosa MS RL201 Datasheet HTML 4Page - Formosa MS RL201 Datasheet HTML 5Page - Formosa MS RL201 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
01235
789
8 889

9

777
!
"#
$%
&'0!
()* +,-),.(/,,01&.0,)&!
1"(/,20
6#
7
6
6#
8
9#
$
9#
:
$#
6
$#
7
;<
=2>
30?1@3
A1>
B-1C3:6AD
,3@<
@E
<
C3+F!
=GHIE
<
C3*J1G
6#
5KLM4
N#
LOO5*31G*3=2E
?
6#
9
9#
6
#
69
96
L6
(A),)(&0,!
;&!
(;
+,-),.2+*&)"03
4
25
0H>
@3-<
GE
?566H@
9P .HE
Q(QI>
3
#
: #
K #
8 #
N 9#
6 9#
9 9#
$ 9#
5
5#
6
&R$L(
S
!
"#
L%
&'0!
()*S/1(&!
+1()0)(!
&)1(0
,020,;02+*&)"03
4
25
K6
:6
L6
76
56
$6
96
6
#
69
#
6L #
9
#
L
9
L
96
L6 966
!
"#
7%
U)V!
U/U1+1%
,000&!
&!
20 +,-),.
;/,"0(/,,01&
$6
6
76
:6
86
966
1/UW0,+ ('(*0;)&:6AD
9
96
L
L6
966
&R$L(
S
8#
5O@;<
=2>
3A1>
B
;<
=3-1C3
S0.0(O3E
?JG
6
$6
76
:6
86
966
9$6 976
9:6
986
$66
+,-),.2+*&)"03
4
25
!
"#
9%
&'0!
()* +,-),.
)UW!
01&&0U00,)&/,03
4(5
?E
E
TY
Z
Z
[[[#
B
JFOJ@1O@#
IJOZ
&0*Y
88:%$%$$:N:::9
)VY
88:%$%$$:N:979
.JIHO3=E!
.
!
@@H3G.1E
3
,3C<
@3G.1E
3 ,3C<
@<
J=
0123#
.;%$$$997
$668Z
6$Z
96
$696Z
65Z
96
(
:
#
9
9#
6
96
966
!
"#
5%&'0!
()*,020,;0
(A),)(&0,!
;&!
(;
00,(01&)"0,)&0.00)X,020,;02+*&)"0
6
$6 76 :6 86 966 9$6 976
#
69
&R966(
S
&R$L(
S
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com