Electronic Components Datasheet Search
  English  ▼

X  

DAC8043A Datasheet(PDF) 6 Page - Analog Devices

Part # DAC8043A
Description  12-Bit Serial Input Multiplying D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043A Datasheet(HTML) 6 Page - Analog Devices

  DAC8043A Datasheet HTML 1Page - Analog Devices DAC8043A Datasheet HTML 2Page - Analog Devices DAC8043A Datasheet HTML 3Page - Analog Devices DAC8043A Datasheet HTML 4Page - Analog Devices DAC8043A Datasheet HTML 5Page - Analog Devices DAC8043A Datasheet HTML 6Page - Analog Devices DAC8043A Datasheet HTML 7Page - Analog Devices DAC8043A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. B
DAC8043A
–6–
20mV
VDD = 5V
VREF = 10V
fCLK = 2.5MHz
CODE: 7FFH TO 800H
VOUT
(10mV/DIV)
TIME – 200ns/DIV
LD
(5V/DIV)
Figure 11. Midscale Transition Performance
5V
5V
VDD = 5V
VREF = 10V
TA = 25 C
CLK
(5V/DIV)
TIME – 1 s/DIV
VOUT
(5V/DIV)
Figure 12. Large Signal Settling Time
FREQUENCY – Hz
0
12
24
36
48
60
72
84
96
1k
10k
100k
1M
10M
ALL BITS ON
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
(MSB) B11
(LSB) B0
108
100
ALL BITS OFF
Figure 13. Reference Multiplying Bandwidth vs. Fre-
quency and Code
|V
REF| – Volts
0
0
10
–0.5
–0.25
0.5
0.25
VDD = 5V
TA = 25 C
5
Figure 14. Linearity Error vs. Reference Voltage
HOURS OF OPERATION AT 150 C
0
1.0
CODE = 000H
CODE = FFFH
SAMPLE SIZE = 50
0
0.2
0.4
0.6
0.8
1.2
100
200
300
400
500
600
Figure 15. Long-Term Drift Accelerated by Burn-In
–95
10
0.0018
1k
10k
100k
100
0.0032
0.0056
0.010
0.018
0.032
–90
–85
–80
–75
–70
VREF = 4V p-p
OUTPUT OP AMP: OP42
FREQUENCY – Hz
Figure 16. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com