Electronic Components Datasheet Search
  English  ▼

X  

DAC8043AEP Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8043AEP
Description  12-Bit Serial Input Multiplying D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043AEP Datasheet(HTML) 4 Page - Analog Devices

  DAC8043AEP Datasheet HTML 1Page - Analog Devices DAC8043AEP Datasheet HTML 2Page - Analog Devices DAC8043AEP Datasheet HTML 3Page - Analog Devices DAC8043AEP Datasheet HTML 4Page - Analog Devices DAC8043AEP Datasheet HTML 5Page - Analog Devices DAC8043AEP Datasheet HTML 6Page - Analog Devices DAC8043AEP Datasheet HTML 7Page - Analog Devices DAC8043AEP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. B
DAC8043A
–4–
SRI
CLK
LD
SRI
CLK
LD
FS
ZS
VOUT
DATA LOADED MSB(D11) FIRST
DAC REGISTER LOAD
D11
D10
D9
D8
D6
D5
D4
D3
D2
D1
D0
D7
tLD1
tDS
tDH
tCL
tCH
tLD
tS
1 LSB
ERROR BAND
Dxx
tASB
Figure 2. Timing Diagram
Table I. Control-Logic Truth Table
CLK
LD
Serial Shift Register Function
DAC Register Function
u
H
Shift-Register-Data Advanced One Bit Latched
H or L
L
No Effect
Updated with Current Shift Register Contents
L
u
No Effect
Latched All 12 Bits
NOTES
u positive logic transition.
The DAC Register
LD input is level-sensitive. Any time LD is logic-low data in the serial register will directly control the
switches in the R-2R DAC ladder.
TOTAL UNADJUSTED ERROR – LSB
15
20
0
–1.0
1.0
10
30
–0.5
0.0
0.5
SS = 200 UNITS
TA = 25 C
VDD = 5V
VREF = 10V
25
5
35
Figure 3. Total Unadjusted Error Histogram
Typical Performance Characteristics
FULL SCALE TEMPCO – ppm/ C
30
20
0
0
10
40
50
SS = 200 UNITS
TA = –40 C TO +85 C
VDD = 5V
VREF = 10V
12
Figure 4. Full-Scale Output Tempco Histogram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com