Electronic Components Datasheet Search
  English  ▼

X  

SR320 Datasheet(PDF) 2 Page - Formosa MS

Part # SR320
Description  3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SR320 Datasheet(HTML) 2 Page - Formosa MS

  SR320_13 Datasheet HTML 1Page - Formosa MS SR320_13 Datasheet HTML 2Page - Formosa MS SR320_13 Datasheet HTML 3Page - Formosa MS SR320_13 Datasheet HTML 4Page - Formosa MS SR320_13 Datasheet HTML 5Page - Formosa MS SR320_13 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
012412567
1889
5

5

6654
7

97
7

6
845582


 

7
154


747
6
495
78
7
1

1
05
65546
8555
615
78
681
 0!"#$%&&'
(()
*+,-./+0
1
77
5
455
58
16
61 17
558

12
162617

 5614

86 54
7


266

1615617

 5461
5
1

33
167
1 5
65546
95
45(&
6
6
6
6
6
6
6
6
6
7+89,:;
8,<>,-,
?41@0$AB&6
5
7
565
6
C85@17
547
8
9"D(&#1"
@1
77
589817
567
5456 0!"(&(9
5
1(&) 6
55
E17
6

@C17
1651
58
155
1
 E18

1@1
6
6
6
6
6
6
05
F5
@14461

5#
#& 6
G,8H,I+J.-<
;
:+
E 5(
KL
MNNO;
,<
P89J--HQR,//;
+/
S+8-;
T;
+/0UVMWUVMMW
X+,>+>
*J/YJ0,7P
"
58
18

58Z

7
7
5
56
8[
"D
(&#1"
#
&Z
(%
A[
\
#
&Z
(%
A[
\

5]%Z
$
%[

()%Z
]
([

&%(Z
#
5[

&A)Z
#
([
"1

((&Z
%
^[

#$]Z
%
&[
"1
PSKVM
_`SaPSKVMM
bcdef
f
ghjkllm
nloncf
m
p
m
nl
q#4545

545r65568517

 5
q(417

 5
q5C1
1865568517

 5
qA

162617

 5s t5
&1
u
E141?!?4
CD\"!D\
u162665
5665
u162686 5665
455685665
!567658
8
5
"
15

14

5
55u

(
)
588
 7
57
8
5258456
41851
6
57
1Zv?"?C5
15[
17  \ !wE 1x \!
D
u
4
C
v
1
1
1
DC'
F
4u
5
&
)&
&
%
A&
#&
B t B
! t (%C
4
44
v
D
B t B
! t #&&C
4
44
v
D
v
1
1
5
(%&
5&
4
4
y
y
v1
v0
45(&
455&
45A&
#A
(#
()
(&
5&
A&
wzD0
B
44
ZB[
B
4
B
4
ZB[
ZB[
q#
q(
q5
B
u
ZB[
qA
45%&
45^&
5%
A(
%&
^&
&
]&
%%
1{#(%
45)&
45#&&
)&
#&&
%^
]&
(&
5&
A&
%&
^&
)&
#&&

16 5
5456
65
t#|447
5AB"C65568517

 5
!
!2
DC
{#]%
^%
ZC[
D
D456


5456
65
!9
v
&
%%
&
)%
%%
1{#%&


4@
'
'
222
16188
1'
!?0@
))^(((^$^^^#
u1x@
))^(((^$^#A#
45#%&
#%&
#&%
#%&
45(&&
(&&
#A&
(&&
&
$&
&
$%
"15"
885"
5
45
85"
5 45
8
1
E 5
"(((^A$
(&&)'
&('
#&
(&#&'
&5'
#&
C
^
7,O;
Y.Y /,-;
:I0,:>}<
+8-/;
8,<~9,/,8-+/;
0-;
80Z1!!t(%
1
1C 7
5881
562
851
5[
v
1
17
5
DC'
F
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com