Electronic Components Datasheet Search
  English  ▼

X  

DAC8043AESZ Datasheet(PDF) 2 Page - Analog Devices

Part # DAC8043AESZ
Description  12-Bit Serial Input Multiplying D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043AESZ Datasheet(HTML) 2 Page - Analog Devices

  DAC8043AESZ Datasheet HTML 1Page - Analog Devices DAC8043AESZ Datasheet HTML 2Page - Analog Devices DAC8043AESZ Datasheet HTML 3Page - Analog Devices DAC8043AESZ Datasheet HTML 4Page - Analog Devices DAC8043AESZ Datasheet HTML 5Page - Analog Devices DAC8043AESZ Datasheet HTML 6Page - Analog Devices DAC8043AESZ Datasheet HTML 7Page - Analog Devices DAC8043AESZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
DAC8043A–SPECIFICATIONS
Parameter
Symbol
Condition
E Grade
F Grade
Unit
STATIC PERFORMANCE
Resolution
N
12
12
Bits
Relative Accuracy
INL
±0.5
±1.0
LSB max
Differential Nonlinearity
DNL
All Grades Monotonic to 12 Bits
±0.5
±1.0
LSB max
Gain Error
1
GFSE
TA = 25
°C, Data = FFF
H
±1.0
±2.0
LSB max
TA = –40
°C, +85°C, Data = FFF
H
±2.0
±2.0
LSB max
Gain Tempco
2
TCGFS
IOUT Pin Measured
±5
±5
ppm/
°C max
Output Leakage Current
ILKG
Data = 000H, IOUT Pin Measured
±5
±5
nA max
TA = –40
°C, +85°C, Data = 000
H, IOUT Pin Measured
±25
±25
nA max
Zero-Scale Error
3
IZSE
Data = 000H
0.03
0.03
LSB max
TA = –40
°C, +85°C, Data = 000
H
0.15
0.15
LSB max
REFERENCE INPUT
Input Resistance
RREF
Absolute Tempco < 50 ppm/
°C
7/15
7/15
k
Ω min/max
Input Capacitance
2
CREF
55
pF typ
ANALOG OUTPUT
Output Capacitance
2
COUT
Data = 000H
25
25
pF typ
Data = FFFH
30
30
pF typ
DIGITAL INPUTS
Digital Input Low
VIL
0.8
0.8
V max
Digital Input High
VIH
2.4
2.4
V min
Input Leakage Current
IIL
VLOGIC = 0 V to 5 V
0.001/
±1 0.001/±1 µA typ/max
Input Capacitance
2
CIL
VLOGIC = 0 V
10
10
pF max
INTERFACE TIMING
2, 4
Data Setup
tDS
10
10
ns min
Data Hold
tDH
55
ns min
Clock Width High
tCH
25
25
ns min
Clock Width Low
tCL
25
25
ns min
Load Pulsewidth
tLD
25
25
ns min
LSB CLK to
LD DAC
tASB
00
ns min
AC CHARACTERISTICS
1, 2
Output Current Settling Time
tS
To
±0.01% of Full Scale, Ext Op Amp OP42
1
1
µs max
DAC Glitch
Q
Data = 000H to FFFH to 000H, VREF = 0 V
20
20
nVs max
Feedthrough (VOUT/VREF)FT
VREF = 20 V p-p, Data = 000H, f = 10 kHz
1
1
mV p-p
Total Harmonic Distortion
THD
VREF = 6 V rms, Data = FFFH, f = 1 kHz
–85
–85
dB typ
Output Noise Density
5
en
10 Hz to 100 kHz Between RFB and IOUT
17
17
nV/
√Hz max
Multiplying Bandwidth
BW
–3 dB, VOUT/VREF, VREF = 100 mV rms, Data = FFFH
2.4
2.4
MHz typ
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
4.5/5.5
4.5/5.5
V min/max
Positive Supply Current
IDD
VLOGIC = 0 V or VDD
10
10
µA max
Power Dissipation
PDISS
VLOGIC = 0 V or VDD
50
50
µW max
Power Supply Sensitivity
PSS
∆V
DD =
±5%
0.002
0.002
%/% max
NOTES
1Using internal feedback resistor R
FB, see Figure 19 test circuit with VREF = 10 V.
2These parameters are guaranteed by design and not subject to production testing.
3Calculated from worst case R
REF: IZSE(LSB) = (RREF
× I
LKG
× 4096)/V
REF.
4All input control signals are specified with t
R = tF = 2 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
5Calculation from e
n =
√4KTRB where: K = Boltzmann Constant (J/°K), R = Resistance (Ω), T = Resistor Temperature (°K), B = 1 Hz Bandwidth.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS (@ V
DD = 5 V, VREF = 10 V, –40 C < TA < +85 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com