Electronic Components Datasheet Search
  English  ▼

X  

SR520 Datasheet(PDF) 2 Page - Formosa MS

Part # SR520
Description  5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SR520 Datasheet(HTML) 2 Page - Formosa MS

  SR520_13 Datasheet HTML 1Page - Formosa MS SR520_13 Datasheet HTML 2Page - Formosa MS SR520_13 Datasheet HTML 3Page - Formosa MS SR520_13 Datasheet HTML 4Page - Formosa MS SR520_13 Datasheet HTML 5Page - Formosa MS SR520_13 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
01234516
789

9



9


9


9
9

9
!9
9






9
!9
9


"9





9

#

9
$9

9

%9
9
9

89

9
&
9
9
'

9

$

&9
&


()
$%*+$,-.//0
112
%

9
83$ 3

$

8
%4.1/$
5
5
5
5
5
5
5
5
5
617829:
72;=232
5
5>?(  9+@$1/,7+
5?789  ! ()$%*+$1/1
(
1/2

5A 9?> !
5(9A99?7
5B9?789&,,/&
C8?#-D$E/

&

F27G2H1I43;
:
91
A1
KL
MNNO:
2;P12=1=Q78I33GRS255:
15
T173:
U:
156VWMXVYMMX
0I5ZI626Q
+9
&9
9
9
[
&9
9
&

\
+@$
1/,7+
,
/[
1.
D\
()
]
,
/[
1.
D\
()
]

^_.[
-
.\

12.[
_
1\

/.1[
,
^\

/D2[
,
1\
+)
7

11/[
.
`\

,-_[
.
/\
+)
7
QTKWMabTcQTKYMM
+&)
+
)
+
49
+
49
9

A
defgh
h
ijlmnno
pnqpeh
o
r
o
pn
s,4
9

9
t


s14(%


s^>
9



sD(89
&&


u)v.
/7
w
A747(C*C4
>@]+)
*)
@]%
w
9

9

w
4
*& 9


+9
'

9
9


%w9

1
2
^&9


9
$9
&

[xC+C>&
\
%&! ()
] *yA (7z #])
*
)
@
)
w%(
)
4
>
x
7
7
&7
@>0
B
w
.
/
,./
/
.
,/
@
E v E
* v 1.>
4
44(
x
@
E v E
* v ,//>
4
44(
x
x
9

&!9

^2/
./
4
{x7
%4.1/
%4.^/
%4.D/
,D
1,
12
1/
^/
D/
%y(|@%
E
44(
[E\
E
4(%
E
4
[E\
[E\
s,
s1
s^
E
w
[E\
sD
%4../
%4.`/
^.
D1
./
`/
/
_/
$..
},1.
%4.2/
%4.,//
2/
,//
.`
_/
1/
^/
D/
./
`/
2/
,//
%

&


v,( ~
9
DE+>


*
%*"
@>
},_.
$`.
@
[>\
@
9


&

*
x
/
..
/
2.
$..
},./


?
0
0


&&
&0
*C?
22`$1$11`-```,
w7z?
22`$1$11`-`,D,
+%$111`./
1//20
/10
,/
1/,/0
/^0
,/
|
`
62O:
Z4Z 523:
9H629=;
1735:
72;€82527315:
63:
76[7**v1.
7
> 

9

\
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com