Electronic Components Datasheet Search
  English  ▼

X  

MAT04EY Datasheet(PDF) 8 Page - Analog Devices

Part # MAT04EY
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT04EY Datasheet(HTML) 8 Page - Analog Devices

Back Button MAT04EY Datasheet HTML 4Page - Analog Devices MAT04EY Datasheet HTML 5Page - Analog Devices MAT04EY Datasheet HTML 6Page - Analog Devices MAT04EY Datasheet HTML 7Page - Analog Devices MAT04EY Datasheet HTML 8Page - Analog Devices MAT04EY Datasheet HTML 9Page - Analog Devices MAT04EY Datasheet HTML 10Page - Analog Devices MAT04EY Datasheet HTML 11Page - Analog Devices MAT04EY Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. D
MAT04
–8–
Figure 5. Vector Summer
LOW NOISE, HIGH SPEED INSTRUMENTATION
AMPLIFIER
The circuit of Figure 6 is a very low noise, high speed amplifier,
ideal for use in precision transducer and professional audio
applications. The performance of the amplifier is summarized in
Table I. Figure 7 shows the input referred spot noise over the
0–25 kHz bandwidth to be flat at 1.2 nV/
√Hz. Figure 20 high-
lights the low 1/f noise corner at 2 Hz.
The circuit uses a high speed op amp, the OP17, preceded by
an input amplifier. This consists of a precision dual matched-
transistor, the MAT02, and a feedback V-to-I converter, the
MAT04. The arrangement of the MAT04 is known as a “linear-
ized cross quad” which performs the voltage-to-current conversion.
The OP17 acts as an overall nulling amplifier to complete the
feedback loop. Resistors R1, R2, and R3, R4 form voltage divid-
ers that attenuate the output voltage swing since the “cross
quad” arrangement has a limited input range. Biasing for the in-
put stage is set by Zener diode Z1. At low currents, the effective
zener voltage is about 3.3 V due to the soft knee characteristic of
the Zener diode. This results in a bias current of 530
µA per
side for the input stage. The gain of this amplifier with the val-
ues shown in Figure 6 is:
V
VR
OUT
IN
G
=
33000
Table I. Instrumentation Amplifier Characteristics
Input Noise
G = 1000
1.2 nV/
√Hz
Voltage Density
G = 100
3.6 nV/
√Hz
G = 10
30 nV/
√Hz
Bandwidth
G = 500
400 kHz
G = 100
1 MHz
G = 10
1.2 MHz
Slew Rate
40 V/
µs
Common-Mode Rejection G = 1000
130 dB
Distortion
G = 100
f = 20 Hz to 20 kHz
0.03%
Settling Time
G = 1000
10
µs
Power Consumption
350 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com