Electronic Components Datasheet Search
  English  ▼

X  

OP37 Datasheet(PDF) 4 Page - Analog Devices

Part # OP37
Description  Low Noise, Precision, High Speed tional Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37 Datasheet(HTML) 4 Page - Analog Devices

  OP37 Datasheet HTML 1Page - Analog Devices OP37 Datasheet HTML 2Page - Analog Devices OP37 Datasheet HTML 3Page - Analog Devices OP37 Datasheet HTML 4Page - Analog Devices OP37 Datasheet HTML 5Page - Analog Devices OP37 Datasheet HTML 6Page - Analog Devices OP37 Datasheet HTML 7Page - Analog Devices OP37 Datasheet HTML 8Page - Analog Devices OP37 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
OP37–SPECIFICATIONS
Electrical Characteristics
OP37A
OP37C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset
Voltage
VOS
Note 1
10
25
30
100
mV
Average Input
Offset Drift
TCVOS
Note 2
TCVOSN
Note 3
0.2
0.6
0.4
1.8
mV/∞C
Input Offset
Current
IOS
15
50
30
135
nA
Input Bias
Current
IB
±20
±60
±35
±150
nA
Input Voltage
Range
IVR
±10.3 ±11.5
±10.2 ±11.5
V
Common Mode
Rejection Ratio
CMRR
VCM =
±10 V
108
122
94
116
dB
Power Supply
Rejection Ratio
PSRR
VS =
±4.5 V to
±18 V
2
16
4
51
mV/ V
Large-Signal
Voltage Gain
AVO
RL
≥ 2 kW,
VO =
±10 V
600
1200
300
800
V/mV
Output Voltage
Swing
VO
RL
≥ 2 kW±11.5 ±13.5
±10.5 ±13.0
V
Electrical Characteristics
OP37E
OP37F
OP37C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset
Voltage
VOS
20
50
40
140
55
220
mV
Average Input
Offset Drift
TCVOS
Note 2
TCVOSN
Note 3
0.2
0.6
0.3
1.3
0.4
1.8
mV/∞C
Input Offset
Current
IOS
10
50
14
85
20
135
nA
Input Bias
Current
IB
±14 ±60
±18 ±95
±25 ±150
nA
Input Voltage
Range
IVR
±10.5 ±11.8
±10.5 ±11.8
±10.5 ±11.8
V
Common Mode
Rejection Ratio
CMRR
VCM =
±10 V
108
122
100
119
94
116
dB
Power Supply
Rejection Ratio
PSRR
VS =
±4.5 V to
±18 V
2
15
2
16
4
32
mV/ V
Large-Signal
Voltage Gain
AVO
RL
≥ 2 kW,
VO =
±10 V
750
1500
700
1300
450
1000
V/mV
Output Voltage
Swing
VO
RL
≥ 2 kW±11.7 ±13.6
±11.4 ±13.5
±11 ±13.3
V
NOTES
1Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power. A/E grades guaranteed fully
warmed up.
2The TC
VOS performance is within the specifications unnulled or when nulled withRP = 8 k
W to 20 kW. TC VOS is 100% tested for A/E grades, sample tested for F/G grades.
3Guaranteed by design.
( VS =
15 V, –55 C < TA < +125 C, unless otherwise noted.)
(VS =
15 V, –25 C < TA < +85 C for OP37EZ/FZ, 0 C < TA < 70 C for OP37EP/FP, and –40 C < TA
< +85 C for OP37GP/GS/GZ, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com