Electronic Components Datasheet Search
  English  ▼

X  

OP37EP Datasheet(PDF) 6 Page - Analog Devices

Part # OP37EP
Description  Low Noise, Precision, High Speed tional Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37EP Datasheet(HTML) 6 Page - Analog Devices

Back Button OP37EP Datasheet HTML 2Page - Analog Devices OP37EP Datasheet HTML 3Page - Analog Devices OP37EP Datasheet HTML 4Page - Analog Devices OP37EP Datasheet HTML 5Page - Analog Devices OP37EP Datasheet HTML 6Page - Analog Devices OP37EP Datasheet HTML 7Page - Analog Devices OP37EP Datasheet HTML 8Page - Analog Devices OP37EP Datasheet HTML 9Page - Analog Devices OP37EP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
OP37
–6–
Typical Electrical Characteristics
OP37NT
OP37N
OP37GT
OP37G
OP37GR
Parameter
Symbol
Conditions
Typical
Typical
Typical
Typical
Typical
Unit
Average Input
Offset Voltage
Drift
TCVOS or Nulled or
TCVOSN
Unnulled
RP = 8 k
W
to 20 k
W
0.2
0.2
0.3
0.3
0.4
mV/∞C
Average Input
Offset Current
Drift
TCIOS
80
80
130
130
180
pA/
∞C
Average Input
Bias Current
Drift
TCIB
100
100
160
160
200
pA/
∞C
Input Noise
Voltage Density
en
fO = 10 Hz
3.5
3.5
3.5
3.5
3.8
nV/
÷Hz
fO = 30 Hz
3.1
3.1
3.1
3.1
3.3
nV/
÷Hz
fO = 1000 Hz
3.0
3.0
3.0
3.0
3.2
nV/
÷Hz
Input Noise
Current Density in
fO = 10 Hz
1.7
1.7
1.7
1.7
1.7
pA/
÷ Hz
fO = 30 Hz
1.0
1.0
1.0
1.0
1.0
pA/
÷ Hz
fO = 1000 Hz
0.4
0.4
0.4
0.4
0.4
pA/
÷ Hz
Input Noise
Voltage
en p-p
0.1 Hz to
10 Hz
0.08
0.08
0.08
0.08
0.09
mV p-p
Slew Rate
SR
RL
≥ 2k W
17
17
17
17
17
V/
ms
Gain Bandwidth
Product
GBW
fO = 10 kHz
63
63
63
63
63
MHz
(VS =
15 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com