Electronic Components Datasheet Search
  English  ▼

X  

ABC150 Datasheet(PDF) 3 Page - Power-One

Part # ABC150
Description  110 W convection cooled, No minimum load required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ABC150 Datasheet(HTML) 3 Page - Power-One

  ABC150 Datasheet HTML 1Page - Power-One ABC150 Datasheet HTML 2Page - Power-One ABC150 Datasheet HTML 3Page - Power-One ABC150 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCD.00283_AA_September-18-2013
3
www.power-one.com
DATA SHEET
Notes:
1.
Combined power from main output and Vfan should not exceed total power rating.
2.
Fan output tolerance is ± 20%
3.
Peak power for fan output is 1 A.
4.
Ripple is 2% up to 20% load and less than 1% above 20% load. Output noise measurement is made with a 20 MHz
bandwidth using a 6” twisted pair, terminated with a 10 uF tantalum capacitor in parallel with a 0.1 uF ceramic capacitor.
5.
Specifications are for nominal input voltage, 25° C and max load unless otherwise stated.
6.
Air flow over length of supply recommended (either direction) for forced air rating.
7.
Class 1 models have Earthing tab J4. Class 2 models (-2 suffix) have no Earthing tab.
8.
Specifications subject to change without notice.
9.
Warranty 2 years.
General Specifications
PARAMETER
DESCRIPTION/CONDITION
Hold Up Time
120 Vac
6 mSec
230 Vac
10 mSec
MTBF
>200 khrs
Bellcore TR-332
Switching Frequency
PFC converter variable 35 to 250 kHz, 90
kHz typical
Resonant converter: Variable 35 to 250
kHz, 90 kHz typical
Isolation Voltage
Input to Output Min 4242 Vdc
Input to Ground 2120 Vdc
Weight
150 g (0.33 lbs)
Environmental
PARAMETER
DESCRIPTION/CONDITION
Operating Temperature
Operating
-20 to +70° C. See derating chart below.
Storage
-40 to +85° C
Altitude
Operating 10,000 ft.
Non-operation 40,000 ft.
Conducted emissions:
EN55022, FCC part 15 Level B
Humidity
95%
Non-Condensing
Radiated Emissions
EN55022, FCC part 15 Level B
To be controlled in end system
Electromagnetic Susceptibility
EN61000-4-2 Level 3
2, 3, 4, 5 Level 3
Harmonic Current
EN61000-3-2, Class D
Safety
PARAMETER
DESCRIPTION/CONDITION
EN / UL / CSA
EN60950-1+A12:2011, IEC60950-1 2nd+A1 2009, CSA-22.2 No 60950-01-07+ A1,
UL60950-1-2011



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com