Electronic Components Datasheet Search
  English  ▼

X  

US3J Datasheet(PDF) 1 Page - Formosa MS

Part # US3J
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

US3J Datasheet(HTML) 1 Page - Formosa MS

  US3J Datasheet HTML 1Page - Formosa MS US3J Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
012356700128
10793 8 05057393157 5
9
7


!"#!$% &'()*+-.
/0123
2%
45679:;:<;=>
?@ABBCDE
FGFHE
IJK
L
MNDFO
56PQR
S4T
57UE
IK
GFIVL
IEE
GIFJWJDE
FGX
INE
GHGXYZ
[>
\];>
^_`W
YGK
aDF?`?b
cdT
4PR
e
f7<DE
DXNIgFFGgDK
GJMIK
aDFGGgF
8dhSe
R
Sicd5R
e
R
dS7BgO
j6R
ike
7
`l
``_DmgMGW`l
@nopX
ICJ
]aGHE
IJK
L
MHIMqIpGMIX
X
L
GJrgFGX
sX
L
K
GX
J[INDX
IK
DX
O
tE
ICCINL
E
L
K
O<E
IJJL
u
L
MIK
L
DgvAw>
`
tDXJmX
u
IMGCDmgK
GFIHHE
L
MIK
L
DgJ
rE
K
X
Iu
IJKJsL
K
MaL
gpu
DXaL
paGu
u
L
ML
GgMO
[DsX
GxGX
JGE
GIqIpG
ymL
E
K
>
L
gJK
X
IL
gX
GE
L
Gu
W
L
FGIEu
DXImK
DCIK
GFHE
IMGCGgK
zL
pau
DX
sIX
FJmX
pGMmX
X
GgKMIHINL
E
L
K
O
zL
paK
GCHGX
IK
mX
GJDE
FGX
L
gppmIX
IgK
GGF7
?_`<{
@`JGMDgFJIKK
GX
CL
gIE
J
9 3507 1
8 63
3|353
de
6}
@l
~GxGX
JGX
GMDxGX
OMDgFL
K
L
DgZ
t
`l
_BW
Z
~
@l
`BW
Z
X
X
`l
?_B
?l
YGIJmX
GFIK@Yz€IgFIHHE
L
GFX
GxGX
JGxDE
K
IpGDuAl
`w;l
<l
83
808735
‚13|  57
363735 7
15
1
w=[]\
w=[]\
w=[]\
ƒ„…†‡ˆƒ
0
51
BCHJ
BCHJ
wDE
K
J
w778
w781
w|
Z
‰
3Š‹
Z
918
w9
nl
`
@``l
`
@l
A
=HGX
IK
L
gpŒ
mgMK
L
DgIgFJK
DX
IpGK
GCHGX
IK
mX
GX
IgpG
YIVL
CmCX
GHGK
L
K
L
xGHGIqX
GxGX
JGxDE
K
IpG
YIVL
CmC~Y\xDE
K
IpG
YIVL
CmC;<NE
DMqL
gpxDE
K
IpG
YIVL
CmCIxGX
IpGu
DX
sIX
FX
GMK
L
u
L
GFMmX
X
GgK
IK]__<
UGIqu
DX
sIX
FJmX
pGMmX
X
GgK
ol
nCJJL
gpE
GaIE
uJL
gG>
sIxGJmHGX
L
CHDJGFDg
X
IK
GFE
DIF
9:;:<YGK
aDFŽ
YIVL
CmCL
gJK
IgK
IgGDmJu
DX
sIX
FxDE
K
IpGIKnl
`B
YIVL
CmC;<X
GxGX
JGMmX
X
GgK ]3?_<
IKX
IK
GF;<NE
DMqL
gpxDE
K
IpG
]3@``<
Z
7
_l
`
_`l
`
~3
<
]W]15‚
_`l
`
_`l
`
>
b_K
D‘@_`
Ht
<
B
’
]OHL
MIEK
aGX
CIEX
GJL
JK
IgMG
“=]:nŽ
<{
”
]OHL
MIEŒ
mgMK
L
DgMIHIML
K
IgMG
“=]:?Ž
YIVL
CmCX
GxGX
JGX
GMDxGX
OK
L
CG 
“=]:@Ž
K
PP
_`
^_
gJ
0123 012• 012| 012‚ 012 012– 0128
~IK
L
gpJIK?_<ICNL
GgKK
GCHGX
IK
mX
GmgE
GJJDK
aGX
sL
JGJHGML
u
L
GFl
\L
gpE
GHaIJGaIE
u
>
sIxGb`z€W
X
GJL
JK
L
xGDXL
gFmMK
L
xGE
DIFW
u
DXMIHIML
K
L
xGE
DIFMmX
X
GgKFGX
IK
GNO?`—l
_`
n_
_`
@``
^`
@``
?``
@A`
?``
A``
?o`
A``
b``
A?`
b``
o``
_b`
o``
@```
^``
@```
@l
`
@l
^
nl
Ul
<l
ylCDmgK
GFsL
K
a`l
AV`l
A˜
@`V@`CCŽMDHHGXHIFIX
GIJ
™š›œšž ¡
¢£¤¥§
©ª«¬­¥®¯°
©
°
±±¬¥²©£¯
¥
³¥´µ
±¥²©£¯
¥ ³¥´µ
±µ
ª®
¢£¤¥¶
·¯
¯
¸¹
º
º
»»»¶
¼
ª½­ª±£­±¶
«ª­º
¾¿À¹
ÁÁÂÃÄÃÄÄÂŧ
ÆÇȹ
ÁÁÂÃÄÃÄÄÂŧɧ
©ÊÃÄÄÄÂÉË
ÄÌÌÁº
퀼
§Ì
Ä̧̺
Ìͺ
§Ì
Î
Ä
ÏÐ
02Ñ%Ð
!Ñ%Ð
ÑÐ
ÑÒÓ2%ÔÑÕÖ
0Ð
$
$
Ð
0223
%×
.
ØÙÖ
Ú.
Ú×
.
Û"Ö
".
Ø×
.
"Ø-ÖÜ.
Ù×
.
"ÙÖÜ.
×
.
"Ö
-.
ÝÜ×
.
"-Ö
-.
-×
Þ
| ß
àáâ33
.
ÙÖ
".
Ú×
.
-Ö
.
ÛÙ×
.
ÚÚÖ.
Ý×
.
ÚÖ.
Ú"×
.
"ÚÖ
.
-×
.
ÙÖ
.
"Ú×
.
ØÖ.
Ú-×ã/ä.
.
ÝÙÖ
Ú.
Ü×
.
Ø"Ö
Ú.
×
18•
深圳FMS
Kinter
131
6803
0058


Similar Part No. - US3J

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US3J SSE-US3J Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US3J DIOTEC-US3J Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
US3J SEMIKRON-US3J Datasheet
179Kb / 2P
Ultra silicon rectifier diodes
logo
Diotec Semiconductor
US3J DIOTEC-US3J Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US3J SEMIKRON-US3J Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
More results

Similar Description - US3J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Unisonic Technologies
US1D UTC-US1D Datasheet
141Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com