Electronic Components Datasheet Search
  English  ▼

X  

US5M Datasheet(PDF) 1 Page - Formosa MS

Part # US5M
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

US5M Datasheet(HTML) 1 Page - Formosa MS

  US5M Datasheet HTML 1Page - Formosa MS US5M Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
012356700128
10793 8 05057393157 5
9
7


!"#!$%
&'()*+-
./012
1%
34578
9:;
<
=79=>9?5=9@
@
<
5:ABC5@
D@
<
;
5@
:E9FG@
9;
G@
H
I8
9JJ9F<
8
<
;
HK8
9::<
L
<
=9;
<
GBMNOP
Q
IG@:R@
L
9=5JGRB;
5C9778
<
=9;
<
GB:
A8
;
@
9L
9:;:D<
;
=4<
B?L
G@4<
?45L
L
<
=<
5B=H
EGD@
5S5@
:58
59>9?5
TR<
8
;
P
<
B:;
@
9<
B@
58
<
5L
U
<
C598L
G@9R;
GJ9;
5C78
9=5J5B;
V<
?4L
G@
D9@
C:R@
?5=R@
@
5B;=979F<
8
<
;
H
V<
?4;
5J75@
9;
R@
5:G8
C5@
<
B??R9@
9B;
55CW
XYQKZ
[Q:5=GBC:9;;
5@
J<
B98
:
9 3507 1
8 63
3\353
]^
_`
[a
b5S5@
:5@
5=GS5@
H=GBC<
;
<
GBc
I
dQa
YeU
c
b
d[a
QeU
c
@
@
dQa
XYe
Xa
f59:R@
5C9;[fVg9BC9778
<
5C@
5S5@
:5SG8
;
9?5GLNa
QOha
Ka
83i
808735
j13\  57
363735 7
15
1
OkE3l
OkE3l
OkE3l
mnopqrm
0
51
eJ7:
eJ7:
OG8
;
:
O778
O781
O\
c
s
3tu
c
918
O9
Ya
Q
XQQa
Q
[a
N
k75@
9;
<
B?v
RB=;
<
GB9BC:;
G@
9?5;
5J75@
9;
R@
5@
9B?5
f9w<
JRJ@
575;
<
;
<
S5759>@
5S5@
:5SG8
;
9?5
f9w<
JRJbflSG8
;
9?5
f9w<
JRJhKF8
G=><
B?SG8
;
9?5
f9w<
JRJ9S5@
9?5L
G@
D9@
C@
5=;
<
L
<
5C=R@
@
5B;
9;3dYYK
x59>L
G@
D9@
C:R@
?5=R@
@
5B;
ya
zJ::<
B?8
5498
L:<
B5P
D9S5:R75@
<
J7G:5CGB
@
9;
5C8
G9C{
|}h}Kf5;
4GC~
f9w<
JRJ<
B:;
9B;
9B5GR:L
G@
D9@
CSG8
;
9?59;Ya
Qe
f9w<
JRJhK@
5S5@
:5=R@
@
5B; 33dXYK
9;@
9;
5ChKF8
G=><
B?SG8
;
9?5
33d[QQK
c
7
Ya
Q
YQa
Q
b€3
K€
3€U315j
YQa
Q
Qa
Q
P
‚Y;
Gƒ[YQ
7I
K
e
„
3H7<
=98;
45@
J98@
5:<
:;
9B=5{
…k3}z~
KZ
†
3H7<
=98v
RB=;
<
GB=979=<
;
9B=5{
…k3}X~
f9w<
JRJ@
5S5@
:5@
5=GS5@
H;
<
J5 {
…k3}[~
;
‡‡
YQ
Y
B:
0123 012ˆ 012\ 012j 012€ 012‰ 0128
b9;
<
B?:9;XYK9JF<
5B;;
5J75@
9;
R@
5RB8
5::G;
45@
D<
:5:75=<
L
<
5Ca
l<
B?8
5749:5498
L
P
D9S5‚QVgU
@
5:<
:;
<
S5G@<
BCR=;
<
S58
G9CU
L
G@=979=<
;
<
S58
G9C=R@
@
5B;C5@
9;
5FHXQŠa
YQ
zY
YQ
[QQ
Q
[QQ
XQQ
[NQ
XQQ
NQQ
XyQ
NQQ
‚QQ
NXQ
‚QQ
yQQ
Y‚Q
yQQ
[QQQ
QQ
[QQQ
[a
Q
[a

‹Œ_W|}h}KhkP
X[NeTJG8
C5C78
9:;
<
=FGCH
5_‡Ž
‹
ŒWx8
9;
5C9w<
988
59C:U:G8
C5@
9F8
575@fc
EP
l3hP
YQU
f5;
4GCXQX‚
‘]
‹‡Ž
^
’WKG8
G@F9BCC5BG;
5:=9;
4GC55BC
8]“^
Ž
”‘]ŒŽ
^
Ž
]WeBH
•_Ž
”–^
W
Qa
QQyGRB=5UQa
X[?@
9J:
—˜
/1™%˜
!™%˜
™˜
™š›1%œ™ž
/˜
$
$
˜
/112
%Ÿ
-
"" ž
 -
¡Ÿ
-
" ¢ž
£-
"Ÿ
-
 ¤ž
¥-
 Ÿ
-
£"ž
¥-
¥Ÿ
-
 "¥ž
-
Ÿ
-
 ¢ž
¦-
"Ÿ
-
¡¥ž
 -
 Ÿ
-
" ž
 -
¦Ÿ
-
£ž
-
¥¦Ÿ
-
ž
"-
 ¥Ÿ
-
£"¤ž
¡-
"Ÿ
-
££ž
¡-
"Ÿ
-
" ž
-
£Ÿ
-
¦ž
-
" Ÿ
-
¡ž
-
 £Ÿ
§.¨-
za
xa
Ka
TaJGRB;
5CD<
;
4Qa
‚wQa
‚©{
[‚w[‚JJ~=G775@79C9@
59:
[YQa
Q
18ª
\ «
¬­®3ˆ
¯°±²°³´¶·
¸¹º»½
¿ÀÁÂûÄÅÆ
¿
Æ
ÇÇ»ȿ¹Å
»
É»ÊË
ǻȿ¹Å
» É»ÊË
ÇË
ÀÄ
¸¹º»Ì
ÍÅ
Å
ÎÏ
Ð
Ð
ÑÑÑÌ
Ò
ÀÓÃÀǹÃÇÌ
ÁÀÃÐ
ÔÕÖÏ
×רÙÚÙÚÚØÛØØØ½
ÜÝÞÏ
×רÙÚÙÚÚØÛØ½ß½
¿àÙÚÚÚØßá
Úââ×Ð
âÚÐ
½â
Úâ½âÐ
âãÐ
½â
ä
Ú
深圳FMS
Kinter
131
6803
0058


Similar Part No. - US5M

ManufacturerPart #DatasheetDescription
logo
Semikron International
US5M SEMIKRON-US5M Datasheet
232Kb / 2P
Ultrafast silicon rectifier diodes
logo
Shenzhen Luguang Electr...
US5M LUGUANG-US5M Datasheet
192Kb / 2P
Surface Mount Rectifiers
logo
Thinki Semiconductor Co...
US5M THINKISEMI-US5M Datasheet
775Kb / 2P
5.0 Ampere SMD Glass Passivated Ultra Fast Recovery Rectifier Diodes
logo
Microdiode Semiconducto...
US5M CHENDA-US5M Datasheet
636Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Nanjing International G...
US5M DGNJDZ-US5M Datasheet
110Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - US5M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Unisonic Technologies
US1D UTC-US1D Datasheet
141Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com