Electronic Components Datasheet Search
  English  ▼

X  

MBR720 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBR720
Description  Metal of siliconrectifier, majonty carrier conducton
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR720 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBR720 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR720 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR720
THRU
MBR760
7.5 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR720
MBR720
20V
14V
20V
MBR730
MBR730
30V
21V
30V
MBR735
MBR735
35V
24.5V
35V
MBR740
MBR740
40V
28V
40V
MBR745
MBR745
45V
31.5V
45V
MBR760
MBR760
60V
42V
60V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
7.5A
TC = 125
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
V F
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
TO-220AC
20 to 60 Volts
MBR720-745
MBR760
.84V
IFM = 15 A mper
IFM = 7.5 A mper
TA = 25
°C*
.75V
A
B
C
K
J
I
G
F
E
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
E
.380
.420
9.65
10.67
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.190
.210
4.83
5.33
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

Typical Junction
Capacitance
CJ
400pF
Measured at
1.0MHz, VR=4.0V
MBR720-745
MBR760
IR
0.1mA
0.5mA
TJ = 25
°C
MBR720-745
MBR760
15mA
50mA
TJ = 125
°C
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
www.kersemi.com


Similar Part No. - MBR720

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Shanghai Lunsure Electr...
MBR720 CHENYI-MBR720 Datasheet
72Kb / 2P
7.5Amp schottky barrier rectifier 20to60volts
logo
Micro Commercial Compon...
MBR720 MCC-MBR720 Datasheet
113Kb / 3P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR720 KERSEMI-MBR720 Datasheet
827Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR720 KERSEMI-MBR720 Datasheet
478Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
More results

Similar Description - MBR720

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR740 KERSEMI-MBR740 Datasheet
827Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1030 KERSEMI-MBR1030 Datasheet
498Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1040CT KERSEMI-MBR1040CT Datasheet
1Mb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1045CT KERSEMI-MBR1045CT Datasheet
779Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1060 KERSEMI-MBR1060 Datasheet
509Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1535 KERSEMI-MBR1535 Datasheet
831Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1620CT KERSEMI-MBR1620CT Datasheet
925Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1640 KERSEMI-MBR1640 Datasheet
478Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1645 KERSEMI-MBR1645 Datasheet
489Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1645CT KERSEMI-MBR1645CT Datasheet
925Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com