Electronic Components Datasheet Search
  English  ▼

X  

MAX98502 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX98502
Description  Boosted 2.2W Class D Amplifier with Automatic Level Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98502 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX98502 Datasheet HTML 1Page - Maxim Integrated Products MAX98502 Datasheet HTML 2Page - Maxim Integrated Products MAX98502 Datasheet HTML 3Page - Maxim Integrated Products MAX98502 Datasheet HTML 4Page - Maxim Integrated Products MAX98502 Datasheet HTML 5Page - Maxim Integrated Products MAX98502 Datasheet HTML 6Page - Maxim Integrated Products MAX98502 Datasheet HTML 7Page - Maxim Integrated Products MAX98502 Datasheet HTML 8Page - Maxim Integrated Products MAX98502 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Boosted 2.2W Class D Amplifier
with Automatic Level Control
19-6145; Rev 0; 12/11
Simplified Block Diagram
General Description
The MAX98502 is a high-efficiency, Class D audio ampli-
fier that features an integrated boost converter to deliver
a constant output power over a wide range of battery
supply voltages.
The boost converter operates at 2MHz, requiring only a
small (2.2FH) external inductor and capacitor.
The automatic level control has a battery tracking func-
tion that reduces the output swing as the supply voltage
drops, preventing collapse of battery voltage.
The amplifier has differential inputs and an internal fully
differential design. The MAX98502 also features three
gain settings (6dB, 15.5dB, and 20dB) that are select-
able with a logic input.
The MAX98502 is available in a small, 0.5mm pitch
16-bump WLP package (2.1mm x 2.1mm). It is specified
over the extended -40NC to +85NC temperature range.
Applications
Cell Phones
Smartphones
GPS Devices
Mobile Internet Devices
Active Speaker Accessories
Features
S
Boosted Class D Output
S
Integrated Automatic Level Control
S
Output Power
2.2W into 8I, 10% THD+N
1.7W into 8I, 1% THD+N
4.1W into 4I, 10% THD+N
3.4W into 4I, 1% THD+N
S
Wide 2.5V to 5.5V Supply Voltage Range
S
Undervoltage Lockout Protection
S
High Total Efficiency of 87%
S
High Step-Up Switching Frequency (2MHz)
S
Active Emission Limiting for Low EMI
+Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information
Typical Application Circuit appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX98502EWE+
-40NC to +85NC
16 WLP
CONTROL
DIFFERENTIAL
INPUT
BOOST CONVERTER
GAIN
OUTPUT
STAGE
BATTERY
SPKP
SPKN
PVDD
VCCOUT
LX
VBAT
AGND
SPKPGND
BSTPGND
C4
A4
D1, C2
D3
RKNEE B3
GAIN B2
SDSPK C3
SDBST D4
B4
A3
A2
A1
B1
C1
INP D2
INN
MAX98502


Similar Part No. - MAX98502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX98502 AD-MAX98502 Datasheet
2Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
Rev 0 12/11
logo
Maxim Integrated Produc...
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX98502EVKIT# MAXIM-MAX98502EVKIT# Datasheet
1Mb / 7P
2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
logo
Analog Devices
MAX98502EWE+ AD-MAX98502EWE+ Datasheet
2Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
Rev 0 12/11
More results

Similar Description - MAX98502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX98500 MAXIM-MAX98500 Datasheet
1Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
19-5189; Rev 0; 5/10
logo
Texas Instruments
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
logo
Fangtek Ltd.
FT2045 FANGTEK-FT2045 Datasheet
1Mb / 22P
3W Class-D Audio Power Amplifier with Automatic Level Control
FT2128 FANGTEK-FT2128 Datasheet
1Mb / 23P
3.4W Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
FT2920 FANGTEK-FT2920 Datasheet
1Mb / 28P
8W Boosted Class-G Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
logo
Cirrus Logic
CS35L41 CIRRUS-CS35L41 Datasheet
371Kb / 2P
11 Volt Boosted Class D Audio Amplifier with DSP
logo
Maxim Integrated Produc...
MAX98390 MAXIM-MAX98390 Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
19-100540; Rev 3; 7/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com