Electronic Components Datasheet Search
  English  ▼

X  

RACD30 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD30
Description  30W Class II AC-DC LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD30 Datasheet(HTML) 1 Page - Recom International Power

  RACD30_13 Datasheet HTML 1Page - Recom International Power RACD30_13 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
REV: 0/2013
L-39
www.recom-international.com
Please Read Application Notes
RACD30
30 Watt PFC
Single
Output
● 30W Class II AC-DC LED Power Supply
● 500mA or 700mA Constant Current
● Drives 3 - 15 High brightness LEDs
● Universal AC Input
● Active Power Factor Correction >0.95
● Fused Input, Protected Output
● 3kVAC Isolation
● UL-8750 Certified
● Output Connector to avoid miswiring
● Low Cost
● Long 5 Year Warranty
Features
LED
DRIVER
Selection Guide
Part
Input Voltage
Input Current
Output
Output
Max
Number
Range
at full load
Voltage Range Current
#
(VAC)
(mA)
(VDC)
(mA)
LEDs
RACD30-500
universal
390
10-56
500
15 x 2W
RACD30-700
universal
390
10-43
700
12 x 3W, 12+12 x 1W
Input Voltage Range
Standard
90-264VAC
Rated Power
30 Watts max.
Input Frequency Range
47-63 Hz
Power Factor
Full Load, 115VAC/230VAC
0.9
THD
Full Load, 115VAC
13% max.
Full Load, 230VAC
11% max.
Open Circuit Voltage
500mA Version
58VDC
(Zener Clamp)
700mA Version
48VDC
Inrush Current (<2mS)
115VAC/230VAC
10A max.
Input Current
230VAC, Full Load
390mA typ.
Leakage Current
115VAC/240VAC - 60/50Hz
0.5mA typ.
Input Fuse
Standard
T1A
Output Current Accuracy
(combined Tolerance, load Regulation and Line Regulation)
±10%
Minimum Load
Open Circuit Protected
3 LEDs
Hold Up Time
18ms min.
Operating Frequency
40 - 100 kHz typ.
Efficiency at Full Load
85%
RMS Isolation Voltage (input to output)
3kVAC / 1 minute
Temperature Coefficient
±0.02%/°C typ.
Overload Protection
120% typ.
Short Circuit Protection
Continuous Current Limit
Output Overvoltage Protection
500mA Version
56V Zener Diode Clamp
700mA Version
43V Zener Diode Clamp
continued on next page
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
A compact 30W constant current switching power module suitable for driving up to 15 high power LEDs (Vf = 3.6V).
The output current is fixed at 500mA or 700mA. Active power factor correction is standard.
This series features both screw terminal and socket output connections. The socket connecter avoids the possibility of
miswiring and damaging the LED load if the LEDs are preassembled into a wiring harness or lamp fitting.
UL-8750 Certified
EN 61347 Certified
E340696
RoHS
2011/65/EU
6/6


Similar Part No. - RACD30_13

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD30-500 RECOM-RACD30-500 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30-500 RECOM-RACD30-500 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30-700 RECOM-RACD30-700 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30-700 RECOM-RACD30-700 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
More results

Similar Description - RACD30_13

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD03 RECOM-RACD03 Datasheet
93Kb / 2P
3W Class II AC-DC LED Power Supply
RACD06 RECOM-RACD06 Datasheet
95Kb / 2P
6W AC-DC Class II LED Power Supply
RACD20 RECOM-RACD20_13 Datasheet
97Kb / 2P
20W Class II AC-DC LED Power Supply
RACD20-D RECOM-RACD20-D_13 Datasheet
87Kb / 2P
20W Class II AC-DC LED Power Supply
RACD25 RECOM-RACD25 Datasheet
68Kb / 2P
25W Class II AC-DC LED Power Supply
logo
LinkCom Manufacturing C...
30-LCVE LINKCOM-30-LCVE Datasheet
486Kb / 3P
30W LED Power Supply
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30_16 Datasheet
376Kb / 5P
AC/DC Power Module 30W
logo
Toppower Electronic Tec...
TPRSDR-30-24S TOPPOWER-TPRSDR-30-24S Datasheet
776Kb / 4P
30W AC-DC DIN RAIL Power Supply
TPRDG-30-XS TOPPOWER-TPRDG-30-XS Datasheet
997Kb / 6P
30W AC-DC DIN RAIL Power Supply
TPR-30-XS TOPPOWER-TPR-30-XS Datasheet
829Kb / 6P
30W AC-DC DIN RAIL Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com