Electronic Components Datasheet Search
  English  ▼

X  

RACD100 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD100
Description  CE and UL Certified Class 1 LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD100 Datasheet(HTML) 1 Page - Recom International Power

  RACD100 Datasheet HTML 1Page - Recom International Power RACD100 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-46
www.recom-electronic.com
REV: 2/2013
RACD100
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
100 Watt
Single
Output
Selection Guide
Input Voltage Range
90-305 VAC or 127-430VDC
Input Frequency Range
47-63Hz.
Power Factor
Full Load, 115VAC
>0.98
Full Load, 230VAC
>0.95
Full Load, 277VAC
>0.94
THD
Full Load, 115VAC
8% max.
AC Current
115VAC
0.7A max.
230VAC
1.4A max.
Input/Output Isolation
3.75kVAC
Input/Case Isolation
1.8kVAC
Output/Case Isolation
0.5kVAC
Leakage Current
240VAC
<0.75mA
Voltage Tolerance
-1% to 5%
Set up Time
115VAC
1.5s
(@ Full Load)
230VAC / 277VAC
0.7s
Ripple & Noise
48V Version
200mV max.
others
150mV max.
Over Current Protection
95%-105% rated current
Auto-Recovery
Short Circuit Protection
Hiccup Mode
Over Voltage Protection
12V
15V typ.
Latch Mode
24V
31V typ.
(Power off to recover)
36V
45V typ.
48V
58V typ.
Over Temperature Protection
Tcase 95°C ±10°C
Operation Temperature
(Refer to Output Load Derating Curve)
-30°C to +70°C
Operation Humidity
20%-90% RH Non-Condensing
Storage Temperature
-40°C to +80°C
Storage Humidity
10%-90% RH
Vibration
2G 10min/1Cycle, Period for 60 min
10-500Hz
IP Rating
IP67
Safety Standards
UL/cUL LED Lighting Safety (E340696)
UL8750
CE LVD Directive, Safety
EN61347-2-13
EMC Standards
EMC Compatibility
EN55015
FCC, Part 15
Harmonic Current
EN61000-3-2 Class C (≥75% load)
EN61000-3-3
EMC Immunity
EN61000-4-2, 3, 4, 5, 6, 11
Dimension
222*68*39mm
Weight
940g
MTBF
using MIL-HDBK-217F (25°C)
250 x 10³ hours
Design Lifetime
70 x 10³ hours
The use of a circuit breaker with C-characteristic is recommended.
Specifications
● Universal AC Input
● Constant Voltage / Constant Current Operation
● CE and UL Certified Class 1 LED Driver
● Active Power Factor Correction
● IP67 Design for Indoor and Outdoor Use
● Cooling by Free Air Convection
Features
LED DRIVER
Part
CV Mode
CC Mode
Efficiency
Number
Constant Voltage
Current Range
DC Voltage Range
Constant Current
(230VAC)
(V)
(A)
(V)
(A)
(%)
RACD100-12
12
0-8.3
9-12
8.3
88
RACD100-24
24
0-4.2
14-24
4.2
90
RACD100-36
36
0-2.8
26-36
2.8
90
RACD100-48
48
0-2.1
34-48
2.1
91
UL 8750 Certified
EN 61347 Certified
E340696
RoHS
2011/65/EU
6/6


Similar Part No. - RACD100

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD100-12-ENEC RECOM-RACD100-12-ENEC Datasheet
128Kb / 2P
Universal AC Input
RACD100-12-PSE RECOM-RACD100-12-PSE Datasheet
100Kb / 2P
100 Watt Single Output
RACD100-1400A RECOM-RACD100-1400A Datasheet
114Kb / 2P
100 Watt Single Output
RACD100-24-ENEC RECOM-RACD100-24-ENEC Datasheet
128Kb / 2P
Universal AC Input
RACD100-24-PSE RECOM-RACD100-24-PSE Datasheet
100Kb / 2P
100 Watt Single Output
More results

Similar Description - RACD100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
UL Recognized CSA Certified
logo
Murata Manufacturing Co...
GA355DR7GC472KY02L MURATA-GA355DR7GC472KY02L Datasheet
44Kb / 1P
X1/Y2 Class Certified Products
logo
List of Unclassifed Man...
ZUS102405 ETC2-ZUS102405 Datasheet
138Kb / 3P
UL recognized, TV approved, CSA certified
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
UL recognized, TV approved, CSA certified
ZUS252405 ETC2-ZUS252405 Datasheet
133Kb / 3P
UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
UL recognized, TV approved, CSA certified
ZUW1R50515 ETC2-ZUW1R50515 Datasheet
138Kb / 3P
UL recognized, TV approved, CSA certified
ZUW32415 ETC2-ZUW32415 Datasheet
145Kb / 3P
UL recognized, TV approved, CSA certified
FSBS15CH60L ETC2-FSBS15CH60L Datasheet
559Kb / 16P
UL Certified No.E209204(SPM27-BA package)
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
UL recognized, TV approved, CSA certified
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com