Electronic Components Datasheet Search
  English  ▼

X  

8AC1 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 8AC1
Description  Interactive Catalog Replaces Catalog Pages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

8AC1 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  8AC1 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 8AC1 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 8AC1 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 8AC1 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 8AC1 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 8AC1 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 8AC1 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Basic Switches
SM Series
Subminiature
26
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
CUT-A-WAY SM SUBMINIATURE BASIC SWITCH
AVAILABLE TERMINALS
Various terminals are available for most
listings. These include: the T and T2 for
wrap-around soldering of leadwires; sol-
der terminals for solder connections; H58
terminals and H4 series terminals provide
easy quick-connect installation; H2 type,
round wire wrap or PC terminals; H6 rect-
angular wire wrap terminals are also avail-
able. Other quick-connect terminals of
the Series H types are available. Contact
the 800 number for ordering information.
GENERAL INFORMATION
SM subminiature switches are slightly
larger than the SX switches. These
switches combine small size and light
weight with ample electrical capacity, pre-
cision operation and long life. Unless oth-
erwise noted, all listings have silver con-
tacts.
T
SOLDER
T2
H4
H58
H2
Mates with Amp Inc. Part
No. 640024-1 Std.
Dimensions shown are for reference only
FEATURES
Low operating force to 2 ounces
maximum
Sensitive differential travel as low as
.001 inch (0,025 mm) maximum
Power load switching capability
available to 11 amps (VAC) – silver
contacts
Motor load handling capacity to 1/4
hp (VAC)
Optional gold contacts for low energy
applications
Optional bifurcated gold contacts for
maximum reliability
Long mechanical life
– 11SM Series
10,000,000
operations
– 1SM/41SM Series
80,000
operations
– Bifurcated contacts
1,000,000
operations
All at 95% survival
Standard temperature range
−65° to
+185°F(−54 to 85°C)
High temperature construction
available for use to
+400°F (204°C)
for 100 hours
Variety of integral and auxiliary
actuators
Choice of several terminal styles
Military Standard construction
available with three listings on the
MIL-S-8805 qualified products list
UL recognized File #E12252, CSA
certified File #LR41372
Mounting Torque:
2.3 inch pounds max.
This section covers only 38 of our most popular SM Series catalog listings. If you don’t find what you’re looking for, it’s
likely one of the approximately 500 other active SM listings will meet your needs. Contact the 800 number.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com