Electronic Components Datasheet Search
  English  ▼

X  

23AC2 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 23AC2
Description  Interactive Catalog Replaces Catalog Pages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

23AC2 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  23AC2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 23AC2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Basic Switches
AC Series
Door
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
89
Style 1
Style 2
Style 3
Style 4
Style 5
Style 6
Style 7
Style 8
FEATURES
Automatically cut power when service
door or drawer is opened, helping pro-
tect personnel and equipment.
Enables circuit testing with power On
by manually pulling rod actuator to
maintained-On position. (Closing door
or drawer resets switch.)
Basic switches are component recog-
nized by UL to UL1054 special use
switches.
UL recognized AC are available
ELECTRICAL RATINGS
A
15 amps, 125, 250 or 480 VAC; 1/2
amp, 125 VDC; 1/4 amp, 250 VDC.
B
5 amps, 125 or 250 VAC; 30 VDC
ind., 3 amps (sea level) and 2.5 amps
(50,000 ft.); res., 5 amps (sea level
and 50,000 ft.); max. inrush 25 amps.
C
15 amps, 125 or 250 VAC; 1/2 amp,
125 VDC; 1/4 amp, 250 VDC; 1/3 hp,
125 or 250 VAC.
ORDER GUIDES WITH STEEL ROD ACTUATORS
Characteristics:
F.P. — Free Position;
O.P. — Operating Position;
D.P. — Depressed Position.
F.P.
O.P.
D.P.
max.
min.
max.
Style
Basic Elec.
Catalog
mm
mm
mm
Temp.
No.
Description
Switch Rating
Listing
In.
In.
In.
Ratings
1
15 amps, SPDT.
BZ
A
1AC2
11,1
6.35
3.18
–65
°Fto +180°F
.438
.250
.125
2
5 amps,
SM(4)
B
8AC1
9,53
5,16
3,18
–65
°Fto +250°F
Four SPDT ckts.
.375
.203
.125
3
Three 6-foot leads.
SE
B
9AC4
9,53
5,16
3,18
–65
°Fto +221°F
Sealed basic
.375
.203
.125
switches
5 amps, SPDT
3
Two 3-foot leads.
SE
B
9AC12-3
9,53
5,16
3,18
−65°Fto +221°F
Sealed basic
.375
.203
.125
switches.
5 amps, SPST-N.O.
4
Can be reset without
V3
C
13AC1
15,9
12,3
6,68
−67°Fto +300°F
momentary ckt.
.625
.485
.263
break.
15 amps, SPDT.
5
Miniature size.
SM
B
17AC1-T
9,53
5,59
4,45
−65°Fto +250°F
5 amps, SPDT
17AC18-T†
.375
.220
.175
−67°Fto +185°F
(MS16106-4)
6
Tapped hole in end
V3
C
2AC59†
9,53
5,16
3,18
−67°Fto +185°F
of actuator rod.
(MS16106-1)
.375
.203
.125
15 amps, SPDT.
†–These are military approved listings and the temperature range shown is for the finished product. All other
listings are not military approved and the temperature range shown is the range for the basic switch only.
WITH HIGH STRENGTH THERMOPLASTIC ROD ACTUATORS*
2
5 amps.
SM(4)
B
8AC9
9,53
5,16
3,18
Four SPDT ckts.
(MS16106-3)
.375
.203
.125
6
15 amps. SPDT.
V3
C
22AC1
9,53
5,16
3,18
.375
.203
.125
6
Tapped hole in end
V3
C
22AC2
9,53
5,16
3,18
of actuator rod.
.375
.203
.125
15 amps. SPDT.
7
15 amps. SPDT.
V3
C
23AC1
9,53
5,16
3,18
.375
.203
.125
7
Tapped hole in end
V3
C
23AC2
9,53
5,16
3,18
of actuator rod.
.375
.203
.125
15 amps. SPDT.
8
15 amps.
V3(2)
C
24AC1
9,53
4,75
3,18
Two SPDT ckts.
.375
.187
.125
8
Tapped hole in end
V3(2)
C
24AC2
9,53
4,75
3,18
of actuator rod.
4AC54**
.375
.187
.125
15 amps.
(MS16106-2)
Two SPDT ckts.
4AC55
(MS16106-5)
*Not for use above 85
°C(+185°F). Use steel
actuators at higher temperatures. For additional
catalog listings, contact the 800 number.
**Both switches operate on pull stroke, only one
switch operates on push (reset) stroke.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com