Electronic Components Datasheet Search
  English  ▼

X  

FS01 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # FS01
Description  Pressure Sensors FS01/FS03 Force Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

FS01 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  FS01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center FS01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center FS01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center FS01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pressure Sensors
FS01/FS03 Force Sensors
FS Series
PRESSURE SENSOR SPECIFICATIONS
Max. Ratings
Supply voltage, Vs
12.0 Vdc
Maximum over load
3.18 kg [7 lbs]
Lead temperature
(soldering 2-4 seconds)
220 °C [428 °F]
ENVIRONMENTAL SPECIFICATIONS
Compensated temperature
5 °C to 50 °C
[41 °F to 122 °F]
Operating temperature
0 °C to 70 °C
[0 °F to 158 °F]
Storage temperature
-20 °C to 85 °C
[13 °F to 185 °F]
Humidity limits
0% RH to 95% RH
STANDARD FORCE RANGES
Full-Scale Span
Part Number
Operating Force
Maximum Force
Min.
Typ.
Max.
FS01
0 lbs to 1.5 lbs
[ 0 kg to 0.68 kg]
7 lbs
2.85 Vdc
3.0 Vdc
3.15 Vdc
FS03
0 lbs to 3.0 lbs
[0 kg to 1.36 kg]
7 lbs
2.85 Vdc
3.0 Vdc
3.15 Vdc
PERFORMANCE SPECIFICATIONS
Min.
Typ.
Max.
Unit
Zero force offset
0.95
1.0
1.05
Vdc
Full scale span
(2)
2.85
3.0
3.15
Vdc
Linearity
–
± 1.0
± 3.0
%FSS
Hysteresis
(3)
–
± 0.5
–
%FSS
Temp effect on Span (0 °C to 50 °C [0 °F to 122 °F])
(4)
–
± 1.0
± 2.5
%FSS
Temp. effect on Offset (0 °C to 50 °C [0 °F to 122 °F])
(4)
–
± 1.0
± 2.5
%FSS
Creep
(5)
–
0.5
–
%FSS
Long-term stability of Offset and Span
(6)
–
± 1.0
–
%FSS
Specification Notes:
Note 1: Reference conditions (unless otherwise noted): Supply voltage, Vs = 5 Vdc; T
A = 25 °C [77 °F]
Note 2: Full-scale Span is the algebraic difference between the output voltage at full-scale load and the output
at zero load. Span is ratiometric to the supply voltage.
Note 3: Hysteresis is the maximum output difference at any point within the operating pressure range for
increasing and decreasing load.
Note 4: Maximum error band of the offset voltage and the effort band of span, relative to the 25 °C [77 °F]
reading.
Note 5: Maximum difference in output at full-scale load in a 20 minute period.
Note 6: Maximum difference in output within any operating force after 1 million force cycles
2 Honeywell
• Sensing and Control



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com